Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CB30-NRG00 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB30-NRG00
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB30-NRG00 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB30-NRG00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRG00 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Avago Technologies LED configuration
Precautions:
Lead Forming:
• The leads of an LED lamp may be performed or cut to
length prior to insertion and soldering on PC board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress that
induced into the LED package. Otherwise, cut the
leads to applicable length after soldering process at
room temperature. The solder joint formed will absorb
the mechanical stress, due to the lead cutting, from
traveling to the LED chip die attach and wirebond.
• For better control, it is recommended to use proper
tool to precisely form and cut the leads to applicable
length rather than doing it manually.
Soldering condition:
• Care must be taken during PCB assembly and
soldering process to prevent damage to the LED
component.
• The closest manual soldering distance of the soldering
heat source (soldering iron’s tip) to the body is
1.59mm. Soldering the LED closer than 1.59mm might
damage the LED.
• Recommended soldering condition:
Wave Soldering
Manual Solder
Dipping
Pre-heat temperature
105 °C Max.
-
Preheat time
30 sec Max
-
Peak temperature
50 °C Max.
60 °C Max.
Dwell time
3 sec Max.
5 sec Max
• Wave soldering parameter must be set and maintain
according to the recommended temperature and
dwell time. Customer is advised to daily check on the
soldering profile to ensure that the soldering profile
is always conforming to recommended soldering
condition.
Note:
1. PCB with different size and design (component density) will
have different heat mass (heat capacity). This might cause a
change in temperature experienced by the board if same wave
soldering setting is used. So, it is recommended to re-calibrate
the soldering profile again before loading a new type of PCB.
2. Avago Technologies’ high brightness LED are using high
efficiency LED die with single wire bond as shown below.
Customer is advised to take extra precaution during wave
soldering to ensure that the maximum wave temperature is
not exceeding 250°C. Over-stressing the LED during soldering
process might cause premature failure to the LED due to
delamination.
Note: Electrical connection between bottom surface of LED die and
the lead frame material through conductive paste of solder.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
• At elevated temperature, the LED is more susceptible
to mechanical stress. Therefore, PCB must allowed to
cool down to room temperature prior to handling,
which includes removal of jigs, fixtures or pallet.
• Special attention must be given to board fabrication,
solder masking, surface platting and lead holes size
and component orientation to assure the solderability.
• Recommended PC board plated through holes size for
LED component leads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.457 x 0.457 mm
(0.018 x 0.018 inch)
0.646 mm
(0.05 inch)
0.976 to 1.078 mm
(0.038 to 0.04 inch)
0.508 x 0.508 mm
(0.00 x 0.00 inch)
0.718 mm
(0.08 inch)
1.049 to 1.150 mm
(0.041 to 0.045 inch)
• Over sizing of plated through hole can lead to twisting
or improper LED placement during auto insertion.
Under sizing plated through hole can lead to
mechanical stress on the epoxy lens during clinching.
Note: Refer to application note AN1027 for more information on
soldering LED components.
Cathode
1.59mm


Similar Part No. - HLMP-CB30-NRG00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB30-NRGXX AVAGO-HLMP-CB30-NRGXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB30-NRG00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com