Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CB30-PQC00 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB30-PQC00
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB30-PQC00 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB30-PQC00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQC00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HLMP-Cxxx
T-13/4 (5 mm) Precision Optical Performance
InGaN Blue, Green and Cyan Lamps
Data Sheet
HLMP-CB15, HLMP-CB16, HLMP-CB30, HLMP-CB31, HLMP-CM15, HLMP-CM16, HLMP-CM30,
HLMP-CM31, HLMP-CE15, HLMP-CE16, HLMP-CE23, HLMP-CE24, HLMP-CE30, HLMP-CE31
Description
These high intensity blue, green and cyan LEDs are based
on InGaN material technology. InGaN is the most efficient
and cost effective material for LEDs in the blue and green
region of the spectrum. The 472 nm typical dominant
wavelength for blue and 526 nm typical dominant wave-
length for green are well suited to color mixing in full
color signs. The 505 nm typical dominant wavelength
matches international specifications for green traffic
signals. These LED lamps are untinted, nondiffused, T-
13/4 packages incorporating second generation optics
which produce well defined spatial radiation patterns
at specific viewing cone angles. These lamps are made
with an advanced optical grade epoxy, offering superior
high temperature and high moisture resistance perfor-
mance in outdoor signal and sign applications. The high
maximum LED junction temperature limit of +130°C
enables high temperature operation in bright sunlight
conditions. The package epoxy contains both UV-A
and UV-B inhibitors to reduce the effects of long term
exposure to direct sunlight. These lamps are available
in two viewing angle for Green and Blue, and 3 viewing
angles options for Cyan to give the designer flexibility
with optical design.
Features
• Well defined spatial radiation pattern
• Viewing angles: 15° , 23º and 30°
• High luminous output
• Colors: 472 nm Blue, 526 nm Green, 505 nm Cyan
• Superior resistance to moisture
• UV resistant epoxy
Benefits
• Superior performance in outdoor environments
• Wavelengths suitable for color mixing in full color
(RGB) signs
Applications
• Commercial outdoor signs
• Automotive interior lights
• Front panel indicators
• Front panel backlighting
CAUTION: HLMP-CBxx, HLMP-CMxx and HLMP-CExx LEDs are Class 1C ESD sensitive. Please observe appropriate
precautions during handling and processing. Refer to Avago Application Note AN-1142 for additional details.


Similar Part No. - HLMP-CB30-PQC00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB30-PQCXX AVAGO-HLMP-CB30-PQCXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB30-PQC00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com