Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-500E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # CNY17-500E
Description  Phototransistor Optocoupler High Collector-Emitter Voltage Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CNY17-500E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  CNY17-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CNY17-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CNY17-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CNY17-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CNY17-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CNY17-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CNY17-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Ordering Information
CNY17-xisULRecognizedwith5000Vrmsfor1minuteperUL1577andisapprovedunderCSAComponentAccep-
tanceNotice#5,FileCA88324.
RoHS Compliant Option
-1
-2
-3
-4
40%
63%
100%
160%
Part
<CTR<
<CTR<
<CTR<
<CTR<
Surface Gull
Tape
IEC/EN/DIN
Number
80%
125%
200%
320%
Package
Mount Wing & Reel EN60747-5-2
Quantity
-000E
-000E
-000E
-000E
300mil
65pcs
DIP-6
pertube
-300E
-300E
-300E
-300E
300mil
X
X
65pcs
DIP-6
pertube
-500E
-500E
-500E
-500E
300mil
X
X
X
1000pcs
DIP-6
perreel
-060E
-060E
-060E
-060E
300mil
X
65pcs
DIP-6
pertube
CNY17
-360E
-360E
-360E
-360E
300mil
X
X
X
65pcs
DIP-6
pertube
-560E
-560E
-560E
-560E
300mil
X
X
X
X
1000pcs
DIP-6
perreel
-W00E
-W00E
-W00E
-W00E
400mil
65pcs
DIP-6
pertube
-W60E
-W60E
-W60E
-W60E
400mil
X
65pcs
DIP-6
pertube
Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheop-
tioncolumntoformanorderentry.
Example1:
CNY17-1-360Etoorderproductof300milDIP-6DCGullWingSurfaceMountpackageinTubepackagingwith
40%<CTR<80%,IEC/EN/DINEN60767-5-2SafetyApprovalandRoHScompliant.
Example2:
CNY17-2-W00Etoorderproductof400milDIP-6DCinTubepackagingwith63%<CTR<125%andRoHScompli-
ant.
Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation.


Similar Part No. - CNY17-500E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNY17-5 ETC-CNY17-5 Datasheet
66Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNY17-5X ETC-CNY17-5X Datasheet
66Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
CNY17-5X ISOCOM-CNY17-5X Datasheet
128Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results

Similar Description - CNY17-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-4-500E AVAGO-CNY17-4-500E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-2-300E AVAGO-CNY17-2-300E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-X AVAGO-CNY17-X Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter
logo
NEC
PS2633 NEC-PS2633 Datasheet
125Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC8D52 SHARP-PC8D52 Datasheet
82Kb / 5P
   High Collector-emitter Voltage Type Photocouplers
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com