Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C208 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-C208
Description  T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C208 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C208 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C208 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Part Numbering System
HLMP - C x xx - x x x xx
Mechanical Option
00:Bulk
02: Tape & Reel, Straight Leads
DD: Ammo Pack
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (no max. limit)
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Viewing Angle & Standoff Option
08: 8 degrees, without standoff
10: 8 degrees, with standoff
25: 25 degrees, without standoff
27: 25 degrees, with standoff
Color Options
0: AlInGaP Red 626 nm
2: AlInGaP Amber 590 nm
3: AlInGaP Orange 605 nm
6: AlInGaP Red 635 nm
Absolute Maximum Ratings at TA = 25°C
Parameter
Absolute Maximum
Units
Peak Forward Current
70
mA
Average Forward Current[1]
30
mA
DC Current[2]
50
mA
Reverse Voltage (IR = 100
A)
5V
LED Junction Temperature
110
°C
Operating Temperature Range
-40 to +100
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. See Figure 2 to establish pulsed operating conditions.
2. Derate linearly from 50°C at 0.5 mA/°C.
3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that this device be operated at peak currents above the Absolute Maximum Peak Forward Current.


Similar Part No. - HLMP-C208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C208 HP-HLMP-C208 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C208-S0000 HP-HLMP-C208-S0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
More results

Similar Description - HLMP-C208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com