Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3310 Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TS3310
Description  A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3310 Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS3310 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TS3310
Page 6
TS3310DS r1p1
RTFDS
Active-Mode IQ vs Input Voltage
with No Load : Circuit B (STORE=3V)
Input Voltage - V
0.90
1.32
1.74
2.16
2.58
3.00
800
640
480
160
0
320
Active-Mode IQ vs Input Voltage
with No Load : Circuit A (STORE=3V)
Input Voltage - V
0.90
1.32
1.74
2.16
2.58
3.00
800
640
480
160
0
320
Active-Mode IQ vs Input Voltage
with No Load : Circuit A (STORE=5V)
Input Voltage - V
2.00
2.25
2.50
2.75
3.00
800
640
480
160
0
320
Active-Mode IQ vs Input Voltage
with No Load : Circuit B (STORE=5V)
Input Voltage - V
2.00
2.25
2.50
2.75
3.00
800
640
480
160
0
320
Circuit A
Circuit B
L
10µH
PN: CBC3225T100KR
100µH
PN: CBC3225T101KR
CIN=CSTORE
10µF
1µF
TYPICAL PERFORMANCE CHARACTERISTICS
+25°C
-40°C
+85°C
+25°C
-40°C
+85°C
+85°C
-40°C
+25°C
VOUT_ON=GND, VVGOOD=GND, COUT=C1=C2=0.1µF, ISTORE=0A, IOUT=0A unless otherwise specified. Values are at TA=25°C unless otherwise
specified.
+85°C
-40°C
+25°C


Similar Part No. - TS3310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3310 SILABS-TS3310 Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
TS3310ITD1022 SILABS-TS3310ITD1022 Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
TS3310ITD1022T SILABS-TS3310ITD1022T Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
More results

Similar Description - TS3310

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
   0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
logo
Texas Instruments
TPS63900 TI-TPS63900_V01 Datasheet
2Mb / 34P
[Old version datasheet]   TPS63900 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
TPS63901 TI-TPS63901 Datasheet
2Mb / 35P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
DECEMBER 2021
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS63901 TI-TPS63901_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-Boost Converter with Input Current Limit and DVS in a WCSP Package
REVISED JUNE 2022
logo
Maxim Integrated Produc...
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
logo
Texas Instruments
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com