Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3310ITD1022T Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TS3310ITD1022T
Description  A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3310ITD1022T Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TS3310ITD1022T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3310ITD1022T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TS3310
TS3310DS r1p1
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
VIN=1.2V, VOUT_ON=VIN, VPROG is the programmed voltage according to S2, S1, S0 pins set for STORE voltage of 3V unless otherwise
specified. TA=-40°C to 85°C. Typical values are at TA=+25°C unless otherwise specified. Please see Note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
0.9
3.6
V
Under Voltage Lock Out
UVLO
0.855
0.9
V
Hysteresis
20
mV
STORE Voltage
VSTORE
ISTORE=50% of ISTORE(MAX),
0.9V<VIN<3.6V, at any
VPROG>VIN. TA=+25°C.
See Note 2.
0.97 x
VPROG
VPROG
1.03 x
VPROG
V
VPROG Tempco
0.027
% / °C
No-Load Input Current,
IQ
I-Floor
@ IN. See Note 3.
90
180
nA
@ STORE. See Note 3.
30
Active-Mode
@ IN. See Note 4.
150
Boost Switch On-Time
TON
VIN=1.8V
0.8 x 2/VIN
2/VIN
1.2 x 2/VIN
µsec
On
Resistance
NMOS
RON
NMOS
VSTORE=1.8V
0.8
1.3
Ω
PMOS
RON
PMOS
1.1
1.65
LOAD
SWITCH
RON
LOAD
SWITCH
1.1
1.65
NMOS
RON
NMOS
VSTORE=3V
500
PMOS
RON
PMOS
650
LOAD
SWITCH
RON
LOAD
SWITCH
650
VSTORE GOOD
VVGOOD
% of target STORE voltage
80
90
95
%
Hysteresis
5
VOUT_ON
Input Voltage
VOUT_ON L
Low CMOS Logic Level
0.2
V
VOUT_ON H
High CMOS Logic Level
0.6
S0, S1, S2
Input Voltage
S0L, S1L,
S2L
Low CMOS Logic Level
0.2
V
S0H, S1H,
S2H
High CMOS Logic Level
0.6
S0, S1, S2, OUT_ON
Input Leakage Current
5
nA
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by characterization for TA = -40°C to +85°C, as specified.
Note 2: ISTORE(MAX) is provided as the Maximum Average STORE Current by the graph entitled “Expected Maximum STORE Output Current” in
the TS3310 Applications Section.
Note 3: VSTORE output is driven above regulation point. No switching is occurring.
Note 4: VSTORE=3V. L=100µH. CSTORE≥1µF.


Similar Part No. - TS3310ITD1022T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3310ITD1022T SILABS-TS3310ITD1022T Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
More results

Similar Description - TS3310ITD1022T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
   0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
logo
Texas Instruments
TPS63900 TI-TPS63900_V01 Datasheet
2Mb / 34P
[Old version datasheet]   TPS63900 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
TPS63901 TI-TPS63901 Datasheet
2Mb / 35P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
DECEMBER 2021
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS63901 TI-TPS63901_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-Boost Converter with Input Current Limit and DVS in a WCSP Package
REVISED JUNE 2022
logo
Maxim Integrated Produc...
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
logo
Texas Instruments
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com