Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CE16-WZQDD Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CE16-WZQDD
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE16-WZQDD Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CE16-WZQDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE16-WZQDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Absolute Maximum Ratings at TA= 25°C
Parameter
Value
Units
DC Forward Current [1]
30
mA
Peak Forward Current
100
mA
Power Dissipation
Blue
Green / Cyan
111
117
mW
Reverse Voltage (IR= 100 µA)
5
V
LED Junction Temperature
130
°C
Operating Temperature Range
-40 to +80
°C
Storage Temperature Range
-40 to +100
°C
Note:
1. Derate linearly as shown in Figure 4 for temperatures above 50°C.
2. Duty Factor 10%, 1kHz
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Blue
Green / Cyan
VF
3.
3.
3.7
3.9
V
IF= 0 mA
Reverse Voltage
VR
5
IR = 100 µA
Peak Wavelength
Blue (λd = 47 nm)
Green (λd = 56 nm)
Cyan (λd = 505 nm)
lpeak
470
54
50
nm
Peak of Wavelength of
Spectral Distribution at IF = 0 mA
Spectral Halfwidth
Blue (λd = 47 nm)
Green (λd = 56 nm)
Cyan (λd = 505 nm)
Dl1/
35
47
35
nm
Wavelength Width at Spectral Power
Point at IF = 0 mA
Capacitance
Blue/ Green
Cyan
C
43
40
pF
VF = 0, F = 1 MHz
Luminous Efficacy
Blue (λd = 47 nm)
Green (λd = 56 nm)
Cyan (λd = 505 nm)
ηv
75
50
350
lm/W
Emitted Luminous Power/Emitted
Radiant Power
Thermal Resistance
RqJ-PIN
40
°C/W
LED Junction-to-Cathode Lead
Notes:
1. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
2. The radiant intensity, le in watts per steradian, may be found from the equation le = IV/hV, where Iv is the luminous intensity in candelas and hV is
the luminous efficacy in lumens/watt.


Similar Part No. - HLMP-CE16-WZQDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE16-WZQXX AVAGO-HLMP-CE16-WZQXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CE16-WZQDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com