Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-772BWZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-772BWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BWZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-772BWZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Absolute Maximum Ratings [1,2]
Parameter
Symbol
Min.
Max.
Unit
Reference
Storage Temperature
(non-operating)
TS
–40
100
°C
1
Case Temperature (operating)
TC
90
°C
1, 2, 4
Supply Voltage
VCC
–0.5
4.6
V
1, 2
Data/Control Signal Input Voltage
VI
–0.5
VCC + 0.5
V
1
Transmitter Differential Data Input
Voltage
|VD|
2
V
1, 3
Output Current (dc)
ID
25
mA
1
Relative Humidity (non-condensing) RH
5
95
%
1
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur. See Reliability Data Sheet for specific reliability
performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability
is not implied, and damage to the device may occur over an extended period of time.
3. This is the maximum voltage that can be applied across the Transmitter Differential Data Inputs without damaging the input circuit.
4. Case Temperature is measured as indicated in Figure 3.
Recommended Operating Conditions [1]
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Case Temperature
TC
0
40
80
°C
2, Figs. 3
Supply Voltage
VCC
3.135
3.3
3.465
V
Figs. 5, 6,
12
Signaling Rate per Channel
1
2.7
Gbd
3
Data Input Differential
Peak-to-Peak Voltage Swing
DVDINP-P
175
1400
mVP-P
4, Figs. 7, 8
Control Input Voltage High
VIH
2.0
VCC
V
Control Input Voltage Low
VIL
VEE
0.8
V
Power Supply Noise
for Transmitter and Receiver
NP
200
mVP-P
5, Figs. 5, 6
Transmitter/Receiver Data
I/O Coupling Capacitors
CAC
0.1
mF
Fig. 7
Receiver Differential Data
Output Load
RDL
100
W
Fig. 7
Notes:
1. Recommended Operating Conditions are those values outside of which functional performance is not intended, device reliability is not im-
plied, and damage to the device may occur over an extended period of time. See Reliability Data Sheet for specific reliability performance.
2. Case Temperature is measured as indicated in Figure 3.
3. The receiver has a lower cut off frequency near 100 kHz.
4. Data inputs are CML compatible. Coupling capacitors are required to block DC. ∆VDINP-P = ∆VDINH – ∆VDINL, where ∆VDINH = High State Dif-
ferential Data Input Voltage and ∆VDINL = Low State Differential Data Input Voltage.
5. Power Supply Noise is defined for the supply, VCC, over the frequency range from 500 Hz to 2500 MHz, with the recommended power supply
filter in place, at the supply side of the recommended filter. See Figures 5 and 6 for recommended power supply filters.


Similar Part No. - HFBR-772BWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-772BEHZ AVAGO-HFBR-772BEHZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BEZ AVAGO-HFBR-772BEZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BHZ AVAGO-HFBR-772BHZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - HFBR-772BWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com