Electronic Components Datasheet Search |
|
HFBR-782BZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HFBR-782BZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 25 page Features • RoHS Compliant • Low cost per Gb/s • High package density per Gb/s • 3.3 volt power supply for low power consumption • 850 nm VCSEL array source • 12 independent channels per module • Separate transmitter and receiver modules • 2.7 Gbd data rate per channel • Standard MTP® (MPO) ribbon fiber connector inter- face • Pluggable package • 50/125 micron multimode fiber operation: Distance up to 300 m with 500 MHz.km fiber at 2.5 Gbd Distance up to 600 m with 2000 MHz.km fiber at 2.5 Gbd • Data I/O is CML compatible • Control I/O is LVTTL compatible • Manufactured in an ISO 9002 certified facility OrderingInformation The HFBR-772BWZ and HFBR-782BZ products are available for production orders through the Avago Component Field Sales office. HFBR-772BWZ No EMI Nose Shield HFBR-782BZ No EMI Nose Shield HFBR-772BEWZ With Extended EMI Nose Shield HFBR-782BEZ With Extended EMI Nose Shield HFBR-772BHWZ No Heatsink, No EMI Nose Shield HFBR-782BHZ No Heatsink, No Nose Shield HFBR-772BEPWZ With Extended EMI Nose Shield, With “flush pin-fin” Heatsink HFBR-782BEPZ With Extended EMI Nose Shield, With “flush pin-fin” Heatsink Description The HFBR-772BWZ transmitter and HFBR-782BZ receiver are high performance fiber optic modules for parallel op- tical data communication applications. These 12-channel devices, operating up to 2.7 Gbd per channel, provide a cost effective solution for short-reach applications requir- ing up to 32 Gb/s aggregate bandwidth. These modules are designed to operate on multimode fiber systems at a nominal wavelength of 850 nm. They incorporate high performance, highly reliable, short wavelength optical devices coupled with proven circuit technology to pro- vide long life and consistent service. The HFBR-772BWZ transmitter module incorporates a 12- channel VCSEL (Vertical Cavity Surface Emitting La- ser) array together with a custom 12-channel laser driver integrated circuit providing IEC-60825 and CDRH Class 1M laser eye safety. The HFBR-782BZ receiver module contains a 12-channel PIN photodiode array coupled with a custom preamplifier / post amplifier integrated circuit. Operating from a single +3.3 V power supply, both mod- ules provide LVTTL or LVCMOS control interfaces and Current Mode Logic (CML) compatible data interfaces to simplify external circuitry. The transmitter and receiver devices are housed in MTP®/ MPO receptacled packages. Electrical connections to the devices are achieved by means of a pluggable 10 x 10 connector array. Applications • Datacom switch and router backplane connections • Telecom switch and router backplane connections • InfiniBand connections HFBR-772BWZ/BEWZ/BHWZ/BEPWZ and HFBR-782BZ/BEZ/BHZ/BEPZ Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Data Sheet Patent - www.avagotech.com/patents |
Similar Part No. - HFBR-782BZ |
|
Similar Description - HFBR-782BZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |