Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W454-000E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W454-000E
Description  High CMR High Speed Optocoupler Surface Mountable in 6-pin stretched SO6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W454-000E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W454-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W454-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 1. DC and Pulsed Transfer Characteristics.
Package Characteristics
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. All typicals at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
Withstand Voltage*
VISO
3750
Vrms
RH
d 50%, t = 1 min, TA = 25°C
6,12
5000 (For “ACPL-W454)
Input-Output Resistance
RI-O
1012
:
VI-O = 500 Vdc
6
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz; VI-O = 0 Vdc
6
*
The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable).
Notes:
1. Derate linearly above 70°C free-air temperature at a rate of 0.8 mA/°C.
2. Derate linearly above 70°C free-air temperature at a rate of 1.6mA/°C.
3. Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C.
4. Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C.
5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current (IO), to the forward LED input current (IF), times 100.
6. Device considered a two-terminal device: Pins 1 and 3 shorted together and Pins 4, 5 and 6 shorted together.
7. Under TTL load and drive conditions: Common mode transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the
leading edge of the common mode pulse, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient
immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the trailing edge of the common mode pulse signal, VCM, to assure
that the output will remain in a Logic Low state (i.e., VO < 0.8 V).
8. Under IPM (Intelligent Power Module) load and LED drive conditions: Common mode transient immunity in a Logic High level is the maximum
tolerable dVCM/dt on the leading edge of the common mode pulse, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 3.0
V). Common mode transient immunity in a Logic Low level is the maximum tolerable dVCM/dt on the trailing edge of the common mode pulse
signal,VCM, to assure that the output will remain in a Logic Low state (i.e., VO < 1.0 V).
9. The 1.9 k
: load represents 1 TTL unit load of 1.6 mA and the 5.6 k: pull-up resistor.
10. The RL = 20 k
:, CL = 100 pF load represents an IPM (Intelligent Power Mode) load.
11. Use of a 0.1
PF bypass capacitor connected between pins 4 and 6 is recommended.
12. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
t 4500 VRMS for 1 second (leakage detection
current limit, II-O
d 5 PA); each optocoupler under ACPL-W454 is proof tested by applying an insulation test voltage ≥ 6000 VRMS for 1 second (leak-
age detection current limit, II-O ≤ 5 μA).
13. The difference between tPLH and tPHL, between any two ACPL-W454/P454 parts under the same test condition. (See Power Inverter Dead Time and
Propagation Delay Specifications section).
Figure 2. Current Transfer Ratio vs. Input Current.
Figure 3. Input Current vs. Forward Voltage.
0
10
20
VO - OUTPUT VOLTAGE - V
10
5
0
T = 25 ˚C
V
= 5.0 V
A
CC
40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
I = 5 mA
F
IF - INPUT CURRENT - mA
1.5
1.0
0.5
0.0
2 4 6 8 10 12 14 16 18
0
20 22 24 26
IF = 16 mA
VO = 0.4 V
VCC = 5.0 V
TA = 25 ˚C
NORMALIZED
VF - FORWARD VOLTAGE - VOLTS
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
T = 25˚C
A
-


Similar Part No. - ACPL-W454-000E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W454 BOARDCOM-ACPL-W454 Datasheet
279Kb / 13P
   High CMR High-Speed Optocoupler
ACPL-W454 BOARDCOM-ACPL-W454 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - ACPL-W454-000E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P454 BOARDCOM-ACPL-P454 Datasheet
279Kb / 13P
   High CMR High-Speed Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8343 ONSEMI-FOD8343_V01 Datasheet
348Kb / 17P
   4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLH5600 SKYWORKS-OLH5600 Datasheet
320Kb / 6P
   Hermetic High CMR/High-Speed Optocoupler
April 17, 2017
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
logo
Broadcom Corporation.
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
CT Micro International ...
CT4504 CTMICRO-CT4504 Datasheet
1Mb / 14P
   High CMR, 1Mbit/s High Speed Optocoupler
logo
Broadcom Corporation.
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com