Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-281F Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-281F
Description  Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-281F Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-281F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Applications Information
Introduction — Product Selection
Avago’s family of Schottky products provides unique solu‑
tions to many design problems.
The first step in choosing the right product is to select
the diode type. All of the products in the HSMS‑282x fam‑
ily use the same diode chip, and the same is true of the
HSMS‑281x and HSMS‑280x families. Each family has a dif‑
ferent set of characteristics which can be compared most
easily by consulting the SPICE parameters in Table 1.
A review of these data shows that the HSMS‑280x family
has the highest breakdown voltage, but at the expense of
a high value of series resistance (Rs). In applications which
do not require high voltage the HSMS‑282x family, with a
lower value of series resistance, will offer higher current
carrying capacity and better performance.The HSMS‑281x
family is a hybrid Schottky (as is the HSMS‑280x), offering
lower 1/f or flicker noise than the HSMS‑282x family.
In general, the HSMS‑282x family should be the designer’s
first choice, with the ‑280x family reserved for high volt‑
age applications and the HSMS‑281x family for low flicker
noise applications.
Assembly Instructions
SOT-323 PCB Footprint
A recommended PCB pad layout for the miniature SOT‑
323 (SC‑70) package is shown in Figure 6 (dimensions are
in inches). This layout provides ample allowance for pack‑
age placement by automated assembly equipment with‑
out adding parasitics that could impair the performance.
Table 1. Typical SPICE Parameters.
Parameter Units
HSMS-280x HSMS-281x HSMS-282x
BV
V
75
25
15
CJ0
pF
1.6
1.1
0.7
EG
eV
0.69
0.69
0.69
IBV
A
1 E‑5
1 E‑5
1 E‑4
IS
A
3 E‑8
4.8 E‑9
2.2 E‑8
N
1.08
1.08
1.08
RS
30
10
6.0
PB (VJ)
V
0.65
0.65
0.65
PT (XTI)
2
2
2
M
0.5
0.5
0.5
0.026
0.039
0.079
0.022
Dimensions in inches
0.026
0.079
0.018
0.039
Dimensions in inches
Figure 6. Recommended PCB Pad Layout for Avago’s SC70 3L/SOT-323 Products.
Assembly Instructions
SOT-363 PCB Footprint
A recommended PCB pad layout for the miniature SOT‑
363 (SC‑70, 6 lead) package is shown in Figure 7 (dimen‑
sions are in inches). This layout provides ample allowance
for package placement by automated assembly equip‑
ment without adding parasitics that could impair the per‑
formance.
Figure 7. Recommended PCB Pad Layout for Avago’s SC70 6L/SOT-363 Products.


Similar Part No. - HSMS-281F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-281F BOARDCOM-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-281F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com