Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3822 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3822
Description  Surface Mount RF PIN Switch and Limiter Diodes Tape and Reel Options Available
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3822 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3822 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3822 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Typical Parameters at T
C = 25°C (unless otherwise noted), Single Diode
Figure 3. RF Resistance at 25C vs. Forward Bias
Current.
100
10
1
0.1
IF – FORWARD BIAS CURRENT (mA)
0.01
0.1
1
10
100
1.4
1.2
1.0
0.8
0.6
0
10203040
50
VR – REVERSE VOLTAGE (V)
Figure 4. Capacitance vs. Reverse Voltage.
120
115
110
105
100
95
90
85
110
30
IF – FORWARD BIAS CURRENT (mA)
Figure 5. 2nd Harmonic Input Intercept Point vs.
Forward Bias Current.
Diode Mounted as a
Series Attenuator in a
50 Ohm Microstrip and
Tested at 123 MHz
FORWARD CURRENT (mA)
Figure 2. Reverse Recovery Time vs. Forward
Current for Various Reverse Voltages.
1
10
100
10
20
30
V
R = 2V
V
R = 5V
V
R = 10V
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 1. Forward Current vs. Forward Voltage.
125C
25C
–50C
CW POWER IN (dBm)
Figure 6. Large Signal Transfer Curve of the
HSMP-482x Limiter.
0
30
25
20
15
10
5
0
40
10
5
20
25
30
35
15
Measured with external
bias return
1.0 GHz
1.5 GHz
Typical Applications for Multiple Diode Products
RF COMMON
RF 1
BIAS 1
RF 2
BIAS 2
Figure 7. Simple SPDT Switch, Using Only Positive Current.
Figure 8. High Isolation SPDT Switch, Dual Bias.
RF COMMON
BIAS
BIAS
RF 2
RF 1


Similar Part No. - HSMP-3822

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3822 HP-HSMP-3822 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-3822 BOARDCOM-HSMP-3822 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3822 AVAGO-HSMP-3822 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3822-BLK HP-HSMP-3822-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3822-BLKG AVAGO-HSMP-3822-BLKG Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
More results

Similar Description - HSMP-3822

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3824 BOARDCOM-HSMP-3824 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-382X AVAGO-HSMP-382X Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3822-TR1G AVAGO-HSMP-3822-TR1G Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
Broadcom Corporation.
HSMP-3820 BOARDCOM-HSMP-3820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3823 BOARDCOM-HSMP-3823 Datasheet
153Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3822-BLKG AVAGO-HSMP-3822-BLKG Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
Broadcom Corporation.
HSMP-3822 BOARDCOM-HSMP-3822 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-4820 BOARDCOM-HSMP-4820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-482B BOARDCOM-HSMP-482B Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com