Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-788J Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-788J
Description  Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-788J Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-788J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-788J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAULT
ABSVAL
VOUT
VREF
VIN+
VIN-
RSENSE1
SHORT CIRCUIT FAULT
ISOLATION BOUNDARY
A/D
CONVERTER
MICRO
CONTROLLER
HCPL-788J
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAULT
ABSVAL
VOUT
VREF
VIN+
VIN-
RSENSE2
ISOLATION BOUNDARY
HCPL-788J
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAULT
ABSVAL
VOUT
VREF
VIN+
VIN-
RSENSE3
ISOLATION BOUNDARY
HCPL-788J
M
+5 V
OVERLOAD
FAULT
+
+
3 PHASE ABSOLUTE
VALUE OUTPUT
VREF
VTH
3 PHASE
MOTOR
Low Cost Three Phase Current Sensing with Short Circuit and Overload Detection
HCPL-788J
Isolation Amplifier with Short Circuit and Overload Detection
Data Sheet
Description
Avago’s Isolation Amplifier with Short Circuit and Over-
load Detection makes motor phase current sensing com-
pact, affordable and easy-to-implement while satisfying
worldwide safety and regulatory requirements.
Applications
x Motor phase and rail current sensing
x Power inverter current and voltage sensing
x Industrial process control
x Data acquisition systems
x General purpose current and voltage sensing
x Traditional current transducer replacements
CAUTION: It is advised that normal static precautions be taken in handling and assembly of
this component to prevent damage and/or degradation which may be induced by ESD.
Features
x Output Voltage Directly Compatible with A/D
Converters (0 V to V
REF
)
x Fast (3 μs) Short Circuit Detection with Transient Fault
Rejection
x Absolute Value Signal Output for Overload Detection
x 1 μV/°C Offset Change vs. Temperature
x SO-16 Package
x -40°C to +85°C Operating Temperature Range
x 25 kV/μs Isolation Transient Immunity
x Regulatory Approvals: UL, CSA, IEC/EN/DIN EN 60747-
5-2 (1230 Vpeak Working Voltage)
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-788J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-788J HP-HCPL-788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
Agilent(Hewlett-Packard...
HCPL-788J500 HP-HCPL-788J500 Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
More results

Similar Description - HCPL-788J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com