Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX45DF29C6N Datasheet(PDF) 29 Page - Altera Corporation

Part # EP2AGX45DF29C6N
Description  Volume 3: Device Datasheet and Addendum
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF29C6N Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP2AGX45DF29C6N Datasheet HTML 25Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 26Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 27Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 28Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 29Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 30Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 31Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 32Page - Altera Corporation EP2AGX45DF29C6N Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Switching Characteristics
This section provides performance characteristics of the Arria II GX and GZ core and periphery blocks for commercial grade
devices. The following tables are considered final and are based on actual silicon characterization and testing. These numbers
reflect the actual performance of the device under worst-case silicon process, voltage, and junction temperature conditions.
Transceiver Performance Specifications
Table 1–34 lists the Arria II GX transceiver specifications.
Table 1–34. Transceiver Specifications for Arria II GX Devices (Note 1) (Part 1 of 7)
Symbol/
Description
Condition
I3
C4
C5 and I5
C6
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Reference Clock
Supported I/O
Standards
1.2-V PCML, 1.5-V PCML, 2.5-V PCML, Differential LVPECL, LVDS, and HCSL
Input frequency
from REFCLK
input pins
50
622.08
50
622.08
50
622.08
50
622.08
MHz
Input frequency
from PLD input
50
200
50
200
50
200
50
200
MHz
Absolute VMAX
for a REFCLK pin
2.2
2.2
2.2
2.2
V
Absolute VMIN for
a REFCLK pin
–0.3
–0.3
–0.3
–0.3
V
Rise/fall time (2)
0.2
0.2
0.2
0.2
UI
Duty cycle
45
55
45
55
45
55
45
55
%
Peak-to-peak
differential input
voltage
200
2000
200
2000
200
2000
200
2000
mV
Spread-spectrum
modulating clock
frequency
PCIe
30
33
30
33
30
33
30
33
kHz


Similar Part No. - EP2AGX45DF29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
More results

Similar Description - EP2AGX45DF29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
EP4SGX180DF29I3N ALTERA-EP4SGX180DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP4SGX70DF29I3N ALTERA-EP4SGX70DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
logo
NXP Semiconductors
DSP56F803 NXP-DSP56F803 Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
ON Semiconductor
NCV78723-ADD ONSEMI-NCV78723-ADD Datasheet
87Kb / 2P
   NCV78723MW5 Addendum to NCV78723MW2 Datasheet
February, 2021 - Rev. 1
logo
Infineon Technologies A...
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
Q67060-S6136 INFINEON-Q67060-S6136 Datasheet
460Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240G INFINEON-BTS5240G Datasheet
1Mb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com