Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX190FF35C4N Datasheet(PDF) 52 Page - Altera Corporation

Part # EP2AGX190FF35C4N
Description  Volume 3: Device Datasheet and Addendum
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX190FF35C4N Datasheet(HTML) 52 Page - Altera Corporation

Back Button EP2AGX190FF35C4N Datasheet HTML 48Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 49Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 50Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 51Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 52Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 53Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 54Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 55Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
1–44
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
CPRI Transmit Jitter Generation (11)
Total jitter
E.6.HV, E.12.HV
Pattern = CJPAT
——
0.27
9
0.279
0.279
0.279
UI
E.6.LV, E.12.LV,
E.24.LV, E.30.LV
Pattern = CJTPAT
0.35
0.35
0.35
0.35
UI
Deterministic
jitter
E.6.HV, E.12.HV
Pattern = CJPAT
0.14
0.14
0.14
0.14
UI
E.6.LV, E.12.LV,
E.24.LV, E.30.LV
Pattern = CJTPAT
0.17
0.17
0.17
0.17
UI
CPRI Receiver Jitter Tolerance (11)
Total jitter
tolerance
E.6.HV, E.12.HV
Pattern = CJPAT
> 0.66
> 0.66
> 0.66
> 0.66
UI
Deterministic
jitter tolerance
E.6.HV, E.12.HV
Pattern = CJPAT
> 0.4
> 0.4
> 0.4
> 0.4
UI
Total jitter
tolerance
E.6.LV, E.12.LV,
E.24.LV, E.30.LV
Pattern = CJTPAT
> 0.65
> 0.65
> 0.65
> 0.65
UI
E.60.LV
Pattern = PRBS31
> 0.6
UI
Deterministic
jitter tolerance
E.6.LV, E.12.LV,
E.24.LV, E.30.LV
Pattern = CJTPAT
> 0.37
> 0.37
> 0.37
> 0.37
UI
E.60.LV
Pattern = PRBS31
> 0.45
UI
Combined
deterministic and
random jitter
tolerance
E.6.LV, E.12.LV,
E.24.LV, E.30.LV
Pattern = CJTPAT
> 0.55
> 0.55
> 0.55
> 0.55
UI
OBSAI Transmit Jitter Generation (12)
Total jitter at
768 Mbps,
1536 Mbps, and
3072 Mbps
REFCLK =
153.6 MHz
Pattern = CJPAT
0.35
0.35
0.35
0.35
UI
Deterministic
jitter at
768 Mbps,
1536 Mbps, and
3072 Mbps
REFCLK =
153.6 MHz
Pattern = CJPAT
0.17
0.17
0.17
0.17
UI
Table 1–40. Transceiver Block Jitter Specifications for Arria II GX Devices (Note 1) (Part 8 of 10)
Symbol/
Description
Conditions
I3
C4
C5, I5
C6
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP2AGX190FF35C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX190 ALTERA-EP2AGX190 Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX190FF35C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF29C6N ALTERA-EP2AGX45DF29C6N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
EP4SGX180DF29I3N ALTERA-EP4SGX180DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP4SGX70DF29I3N ALTERA-EP4SGX70DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
logo
NXP Semiconductors
DSP56F803 NXP-DSP56F803 Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
ON Semiconductor
NCV78723-ADD ONSEMI-NCV78723-ADD Datasheet
87Kb / 2P
   NCV78723MW5 Addendum to NCV78723MW2 Datasheet
February, 2021 - Rev. 1
logo
Infineon Technologies A...
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
Q67060-S6136 INFINEON-Q67060-S6136 Datasheet
460Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240G INFINEON-BTS5240G Datasheet
1Mb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com