Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX190FF35C4N Datasheet(PDF) 77 Page - Altera Corporation

Part # EP2AGX190FF35C4N
Description  Volume 3: Device Datasheet and Addendum
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX190FF35C4N Datasheet(HTML) 77 Page - Altera Corporation

Back Button EP2AGX190FF35C4N Datasheet HTML 73Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 74Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 75Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 76Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 77Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 78Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 79Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 80Page - Altera Corporation EP2AGX190FF35C4N Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–69
Switching Characteristics
July 2012
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
Table 1–58 lists the DLL frequency range specifications for Arria II GZ devices.
Table 1–59 lists the DQS phase offset delay per stage for Arria II GX devices.
5
270-410
270-380
270-320
36
High
10
6
320-450
320-410
320-370
45
High
8
Note to Table 1–57:
(1) Low indicates a 6-bit DQS delay setting; high indicates a 5-bit DQS delay setting.
Table 1–57. External Memory Interface Specifications for Arria II GX Devices (Part 2 of 2)
Frequency
Mode
Frequency Range (MHz)
Resolution
(°)
DQS Delay
Buffer Mode
(1)
Number of
Delay Chains
C4
I3, C5, I5
C6
Table 1–58. DLL Frequency Range Specifications for Arria II GZ Devices
Frequency Mode
Frequency Range (MHz)
Available Phase Shift
DQS Delay
Buffer Mode
(1)
Number of
Delay
Chains
–3
–4
0
90-130
90-120
22.5°, 45°, 67.5°, 90°
Low
16
1
120-170
120-160
30°, 60°, 90°, 120°
Low
12
2
150-210
150-200
36°, 72°, 108°, 144°
Low
10
3
180-260
180-240
45°, 90°,135°, 180°
Low
8
4
240-320
240-290
30°, 60°, 90°, 120°
High
12
5
290-380
290-360
36°, 72°, 108°, 144°
High
10
6
360-450
360-450
45°, 90°, 135°, 180°
High
8
7
470-630
470-590
60°, 120°, 180°, 240°
High
6
Note to Table 1–58:
(1) Low indicates a 6-bit DQS delay setting; high indicates a 5-bit DQS delay setting.
Table 1–59. DQS Phase Offset Delay Per Setting for Arria II GX Devices (Note 1), (2), (3)
Speed Grade
Min
Max
Unit
C4
7.0
13.0
ps
I3, C5, I5
7.0
15.0
ps
C6
8.5
18.0
ps
Notes to Table 1–59:
(1) The valid settings for phase offset are -64 to +63 for frequency modes 0 to 3 and -32 to +31 for frequency modes
4 to 5.
(2) The typical value equals the average of the minimum and maximum values.
(3) The delay settings are linear.


Similar Part No. - EP2AGX190FF35C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX190 ALTERA-EP2AGX190 Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX190FF35C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF29C6N ALTERA-EP2AGX45DF29C6N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
EP4SGX180DF29I3N ALTERA-EP4SGX180DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP4SGX70DF29I3N ALTERA-EP4SGX70DF29I3N Datasheet
1Mb / 82P
   Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
logo
NXP Semiconductors
DSP56F803 NXP-DSP56F803 Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
ON Semiconductor
NCV78723-ADD ONSEMI-NCV78723-ADD Datasheet
87Kb / 2P
   NCV78723MW5 Addendum to NCV78723MW2 Datasheet
February, 2021 - Rev. 1
logo
Infineon Technologies A...
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
Q67060-S6136 INFINEON-Q67060-S6136 Datasheet
460Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240G INFINEON-BTS5240G Datasheet
1Mb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com