Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGZ225HF40I3N Datasheet(PDF) 66 Page - Altera Corporation

Part # EP2AGZ225HF40I3N
Description  Volume 1: Device Interfaces and Integration
Download  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGZ225HF40I3N Datasheet(HTML) 66 Page - Altera Corporation

Back Button EP2AGZ225HF40I3N Datasheet HTML 62Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 63Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 64Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 65Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 66Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 67Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 68Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 69Page - Altera Corporation EP2AGZ225HF40I3N Datasheet HTML 70Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 382 page
background image
3–18
Chapter 3: Memory Blocks in Arria II Devices
Memory Modes
Arria II Device Handbook Volume 1: Device Interfaces and Integration
December 2011
Altera Corporation
Figure 3–18 shows the memory block in shift-register mode.
ROM Mode
All Arria II memory blocks support ROM mode. A .mif initializes the ROM contents
of these blocks. The address lines of the ROM are registered on M9K and M144K
blocks; however, they can be unregistered on MLABs. The outputs can be registered
or unregistered. Output registers can be asynchronously cleared. The ROM read
operation is identical to the read operation in the single-port RAM configuration.
FIFO Mode
All memory blocks support FIFO mode. MLABs are ideal for designs with many
small, shallow FIFO buffers. To implement FIFO buffers in your design, you can use
the FIFO MegaWizard Plug-In Manager in the Quartus II software. Both single- and
dual-clock (asynchronous) FIFOs are supported.
f For more information about implementing FIFO buffers, refer to the SCFIFO and
DCFIFO Megafunctions User Guide.
1 MLABs do not support mixed-width FIFO mode.
Figure 3–18. Shift-Register Memory Configuration
W
w × m × n Shift Register
m-Bit Shift Register
m-Bit Shift Register
m-Bit Shift Register
m-Bit Shift Register
W
W
W
W
W
W
W
n Number of Taps


Similar Part No. - EP2AGZ225HF40I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225 ALTERA-EP2AGZ225 Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGZ225HF40I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
   Device Interfaces and Integration
EP1S60F1020C6N ALTERA-EP1S60F1020C6N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S40F1020C5 ALTERA-EP1S40F1020C5 Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S10F672C7N ALTERA-EP1S10F672C7N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1S20F672C7N ETC2-EP1S20F672C7N Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
logo
Altera Corporation
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
   Cyclone Device Handbook, Volume 1
May 2008
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP1S80F1020C6 ALTERA-EP1S80F1020C6 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP1S30F780C7 ALTERA-EP1S30F780C7 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP1S30F780I6N ALTERA-EP1S30F780I6N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com