Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8F256C8 Datasheet(PDF) 48 Page - Altera Corporation

Part # EP2C8F256C8
Description  Cyclone II Device Handbook, Volume 1
Download  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8F256C8 Datasheet(HTML) 48 Page - Altera Corporation

Back Button EP2C8F256C8 Datasheet HTML 44Page - Altera Corporation EP2C8F256C8 Datasheet HTML 45Page - Altera Corporation EP2C8F256C8 Datasheet HTML 46Page - Altera Corporation EP2C8F256C8 Datasheet HTML 47Page - Altera Corporation EP2C8F256C8 Datasheet HTML 48Page - Altera Corporation EP2C8F256C8 Datasheet HTML 49Page - Altera Corporation EP2C8F256C8 Datasheet HTML 50Page - Altera Corporation EP2C8F256C8 Datasheet HTML 51Page - Altera Corporation EP2C8F256C8 Datasheet HTML 52Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 470 page
background image
2–22
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Global Clock Network & Phase-Locked Loops
Of the sources listed, only two clock pins, two PLL clock outputs, one
DPCLK
pin, and one internally-generated signal are chosen to drive into a
clock control block. Figure 2–13 shows a more detailed diagram of the
clock control block. Out of these six inputs, the two clock input pins and
two PLL outputs can be dynamic selected to feed a global clock network.
The clock control block supports static selection of DPCLK and the signal
from internal logic.
Figure 2–13. Clock Control Block
Notes to Figure 2–13:
(1)
The
CLKSWITCH signal can either be set through the configuration file or it can be dynamically set when using the
manual PLL switchover feature. The output of the multiplexer is the input reference clock (fIN) for the PLL.
(2)
The
CLKSELECT[1..0] signals are fed by internal logic and can be used to dynamically select the clock source for
the global clock network when the device is in user mode.
(3)
The static clock select signals are set in the configuration file and cannot be dynamically controlled when the device
is in user mode.
(4)
Internal logic can be used to enabled or disabled the global clock network in user mode.
CLKSWITCH (1)
Static Clock Select (3)
Static Clock
Select (3)
Internal Logic
Clock Control Block
DPCLK or
CDPCLK
CLKSELECT[1..0] (2)
CLKENA (4)
inclk1
inclk0
CLK[n + 3]
CLK[n + 2]
CLK[n + 1]
CLK[n]
fIN
C0
C1
C2
PLL
Global
Clock
Enable/
Disable
(3)


Similar Part No. - EP2C8F256C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8 ALTERA-EP2C8 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C8 ALTERA-EP2C8 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C8 ALTERA-EP2C8 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C8 ALTERA-EP2C8 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8 ALTERA-EP2C8 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C8F256C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8T144I8N ALTERA-EP2C8T144I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8T144C8N ALTERA-EP2C8T144C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C5T144I8N ALTERA-EP2C5T144I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
   Cyclone Device Handbook, Volume 1
May 2008
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com