Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8T144C8N Datasheet(PDF) 29 Page - Altera Corporation

Part # EP2C8T144C8N
Description  Cyclone II Device Handbook, Volume 1
Download  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8T144C8N Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP2C8T144C8N Datasheet HTML 25Page - Altera Corporation EP2C8T144C8N Datasheet HTML 26Page - Altera Corporation EP2C8T144C8N Datasheet HTML 27Page - Altera Corporation EP2C8T144C8N Datasheet HTML 28Page - Altera Corporation EP2C8T144C8N Datasheet HTML 29Page - Altera Corporation EP2C8T144C8N Datasheet HTML 30Page - Altera Corporation EP2C8T144C8N Datasheet HTML 31Page - Altera Corporation EP2C8T144C8N Datasheet HTML 32Page - Altera Corporation EP2C8T144C8N Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 470 page
background image
Altera Corporation
2–3
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Figure 2–2 shows a Cyclone II LE.
Figure 2–2. Cyclone II LE
Each LE’s programmable register can be configured for D, T, JK, or SR
operation. Each register has data, clock, clock enable, and clear inputs.
Signals that use the global clock network, general-purpose I/O pins, or
any internal logic can drive the register’s clock and clear control signals.
Either general-purpose I/O pins or internal logic can drive the clock
enable. For combinational functions, the LUT output bypasses the
register and drives directly to the LE outputs.
Each LE has three outputs that drive the local, row, and column routing
resources. The LUT or register output can drive these three outputs
independently. Two LE outputs drive column or row and direct link
routing connections and one drives local interconnect resources, allowing
the LUT to drive one output while the register drives another output. This
feature, register packing, improves device utilization because the device
can use the register and the LUT for unrelated functions. When using
register packing, the LAB-wide synchronous load control signal is not
available. See “LAB Control Signals” on page 2–8 for more information.
labclk1
labclk2
labclr2
LAB Carry-In
Clock &
Clock Enable
Select
LAB Carry-Out
Look-Up
Table
(LUT)
Carry
Chain
Row, Column,
And Direct Link
Routing
Row, Column,
And Direct Link
Routing
Programmable
Register
CLRN
D
Q
ENA
Register Bypass
Packed
Register Select
Chip-Wide
Reset
(DEV_CLRn)
labclkena1
labclkena2
Synchronous
Load and
Clear Logic
LAB-Wide
Synchronous
Load
LAB-Wide
Synchronous
Clear
Asynchronous
Clear Logic
data1
data2
data3
data4
labclr1
Local Routing
Register Chain
Output
Register
Feedback
Register Chain
Routing From
Previous LE


Similar Part No. - EP2C8T144C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8T144I8N ALTERA-EP2C8T144I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results

Similar Description - EP2C8T144C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8F256C8 ALTERA-EP2C8F256C8 Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8T144I8N ALTERA-EP2C8T144I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C5T144I8N ALTERA-EP2C5T144I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
   Cyclone Device Handbook, Volume 1
May 2008
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com