Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8T144I8N Datasheet(PDF) 56 Page - Altera Corporation

Part # EP2C8T144I8N
Description  Cyclone II Device Handbook, Volume 1
Download  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8T144I8N Datasheet(HTML) 56 Page - Altera Corporation

Back Button EP2C8T144I8N Datasheet HTML 52Page - Altera Corporation EP2C8T144I8N Datasheet HTML 53Page - Altera Corporation EP2C8T144I8N Datasheet HTML 54Page - Altera Corporation EP2C8T144I8N Datasheet HTML 55Page - Altera Corporation EP2C8T144I8N Datasheet HTML 56Page - Altera Corporation EP2C8T144I8N Datasheet HTML 57Page - Altera Corporation EP2C8T144I8N Datasheet HTML 58Page - Altera Corporation EP2C8T144I8N Datasheet HTML 59Page - Altera Corporation EP2C8T144I8N Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 470 page
background image
2–30
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Embedded Memory
Memory Modes
Table 2–7 summarizes the different memory modes supported by the
M4K memory blocks.
1
Embedded Memory can be inferred in your HDL code or
directly instantiated in the Quartus II software using the
MegaWizard® Plug-in Manager Memory Compiler feature.
Table 2–7. M4K Memory Modes
Memory Mode
Description
Single-port memory
M4K blocks support single-port mode, used when
simultaneous reads and writes are not required.
Single-port memory supports non-simultaneous
reads and writes.
Simple dual-port memory
Simple dual-port memory supports a
simultaneous read and write.
Simple dual-port with mixed
width
Simple dual-port memory mode with different
read and write port widths.
True dual-port memory
True dual-port mode supports any combination of
two-port operations: two reads, two writes, or one
read and one write at two different clock
frequencies.
True dual-port with mixed
width
True dual-port mode with different read and write
port widths.
Embedded shift register
M4K memory blocks are used to implement shift
registers. Data is written into each address
location at the falling edge of the clock and read
from the address at the rising edge of the clock.
ROM
The M4K memory blocks support ROM mode. A
MIF initializes the ROM contents of these blocks.
FIFO buffers
A single clock or dual clock FIFO may be
implemented in the M4K blocks. Simultaneous
read and write from an empty FIFO buffer is not
supported.


Similar Part No. - EP2C8T144I8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8T144C8N ALTERA-EP2C8T144C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results

Similar Description - EP2C8T144I8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8F256C8 ALTERA-EP2C8F256C8 Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8T144C8N ALTERA-EP2C8T144C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C5T144I8N ALTERA-EP2C5T144I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
   Cyclone Device Handbook, Volume 1
May 2008
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com