Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8T144I8N Datasheet(PDF) 75 Page - Altera Corporation

Part No. EP2C8T144I8N
Description  Cyclone II Device Handbook, Volume 1
Download  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8T144I8N Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP2C8T144I8N Datasheet HTML 71Page - Altera Corporation EP2C8T144I8N Datasheet HTML 72Page - Altera Corporation EP2C8T144I8N Datasheet HTML 73Page - Altera Corporation EP2C8T144I8N Datasheet HTML 74Page - Altera Corporation EP2C8T144I8N Datasheet HTML 75Page - Altera Corporation EP2C8T144I8N Datasheet HTML 76Page - Altera Corporation EP2C8T144I8N Datasheet HTML 77Page - Altera Corporation EP2C8T144I8N Datasheet HTML 78Page - Altera Corporation EP2C8T144I8N Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 470 page
background image
Altera Corporation
2–49
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Programmable Drive Strength
The output buffer for each Cyclone II device I/O pin has a programmable
drive strength control for certain I/O standards. The LVTTL, LVCMOS,
SSTL-2 class I and II, SSTL-18 class I and II, HSTL-18 class I and II, and
HSTL-1.5 class I and II standards have several levels of drive strength that
you can control. Using minimum settings provides signal slew rate
control to reduce system noise and signal overshoot. Table 2–16 shows
the possible settings for the I/O standards with drive strength control.
Table 2–16. Programmable Drive Strength (Part 1 of 2)
Note (1)
I/O Standard
IOH/IOL Current Strength Setting (mA)
Top & Bottom I/O Pins
Side I/O Pins
LVTTL (3.3 V)
4
4
88
12
12
16
16
20
20
24
24
LVCMOS (3.3 V)
4
4
88
12
12
16
20
24
LVTTL/LVCMOS (2.5 V)
4
4
88
12
16
LVTTL/LVCMOS (1.8 V)
2
2
44
66
88
10
10
12
12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn