Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8T144I8N Datasheet(PDF) 91 Page - Altera Corporation

Part No. EP2C8T144I8N
Description  Cyclone II Device Handbook, Volume 1
Download  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8T144I8N Datasheet(HTML) 91 Page - Altera Corporation

Back Button EP2C8T144I8N Datasheet HTML 87Page - Altera Corporation EP2C8T144I8N Datasheet HTML 88Page - Altera Corporation EP2C8T144I8N Datasheet HTML 89Page - Altera Corporation EP2C8T144I8N Datasheet HTML 90Page - Altera Corporation EP2C8T144I8N Datasheet HTML 91Page - Altera Corporation EP2C8T144I8N Datasheet HTML 92Page - Altera Corporation EP2C8T144I8N Datasheet HTML 93Page - Altera Corporation EP2C8T144I8N Datasheet HTML 94Page - Altera Corporation EP2C8T144I8N Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 470 page
background image
Altera Corporation
3–3
February 2007
Cyclone II Device Handbook, Volume 1
Configuration & Testing
The Quartus II software has an Auto Usercode feature where you can
choose to use the checksum value of a programming file as the JTAG user
code. If selected, the checksum is automatically loaded to the
USERCODE
register. In the Settings dialog box in the Assignments menu, click Device
& Pin Options
, then General, and then turn on the Auto Usercode
option
.
CONFIG_IO
00 0000 1101
Allows configuration of I/O standards through the JTAG chain for
JTAG testing. Can be executed before, after, or during
configuration. Stops configuration if executed during configuration.
Once issued, the
CONFIG_IO instruction holds nSTATUS low to
reset the configuration device.
nSTATUS is held low until the
device is reconfigured.
SignalTap II
instructions
Monitors internal device operation with the SignalTap II embedded
logic analyzer.
Note to Table 3–1:
(1)
Bus hold and weak pull-up resistor features override the high-impedance state of
HIGHZ, CLAMP, and EXTEST.
Table 3–1. Cyclone II JTAG Instructions (Part 2 of 2)
JTAG Instruction
Instruction Code
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn