Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8T144I8N Datasheet(PDF) 101 Page - Altera Corporation

Part # EP2C8T144I8N
Description  Cyclone II Device Handbook, Volume 1
Download  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8T144I8N Datasheet(HTML) 101 Page - Altera Corporation

Back Button EP2C8T144I8N Datasheet HTML 97Page - Altera Corporation EP2C8T144I8N Datasheet HTML 98Page - Altera Corporation EP2C8T144I8N Datasheet HTML 99Page - Altera Corporation EP2C8T144I8N Datasheet HTML 100Page - Altera Corporation EP2C8T144I8N Datasheet HTML 101Page - Altera Corporation EP2C8T144I8N Datasheet HTML 102Page - Altera Corporation EP2C8T144I8N Datasheet HTML 103Page - Altera Corporation EP2C8T144I8N Datasheet HTML 104Page - Altera Corporation EP2C8T144I8N Datasheet HTML 105Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 470 page
background image
Altera Corporation
4–5
February 2007
Cyclone II Device Handbook, Volume 1
Hot Socketing & Power-On Reset
Figure 4–2. Transistor Level Diagram of FPGA Device I/O Buffers
Notes to Figure 4–2:
(1)
This is the logic array signal or the larger of either the VCCIO or VPAD signal.
(2)
This is the larger of either the VCCIO or VPAD signal.
Power-On Reset
Circuitry
Cyclone II devices contain POR circuitry to keep the device in a reset state
until the power supply voltage levels have stabilized during power-up.
The POR circuit monitors the VCCINT voltage levels and tri-states all user
I/O pins until the VCC reaches the recommended operating levels. In
addition, the POR circuitry also monitors the VCCIO level of the two I/O
banks that contains configuration pins (I/O banks 1 and 3 for EP2C5 and
EP2C8, I/O banks 2 and 6 for EP2C15A, EP2C20, EP2C35, EP2C50, and
EP2C70) and tri-states all user I/O pins until the VCC reaches the
recommended operating levels.
After the Cyclone II device enters user mode, the POR circuit continues to
monitor the VCCINT voltage level so that a brown-out condition during
user mode can be detected. If the VCCINT voltage sags below the POR trip
point during user mode, the POR circuit resets the device. If the VCCIO
voltage sags during user mode, the POR circuit does not reset the device.
"Wake-up" Time for Cyclone II Devices
In some applications, it may be necessary for a device to wake up very
quickly in order to begin operation. The Cyclone II device family offers
the Fast-On feature to support fast wake-up time applications. Devices
that support the Fast-On feature are designated with an “A” in the
ordering code and have stricter power up requirements compared to non-
A devices.
Logic Array
Signal
(1)
(2)
VCCIO
VPAD
n+
n+
n-well
n+
p+
p+
p-well
p-substrate


Similar Part No. - EP2C8T144I8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8T144C8N ALTERA-EP2C8T144C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results

Similar Description - EP2C8T144I8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8F256C8 ALTERA-EP2C8F256C8 Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C8T144C8N ALTERA-EP2C8T144C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C5T144I8N ALTERA-EP2C5T144I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
   Cyclone Device Handbook, Volume 1
May 2008
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com