Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C10E144C7 Datasheet(PDF) 15 Page - Altera Corporation

Part # EP3C10E144C7
Description  1. Cyclone III Device Datasheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C10E144C7 Datasheet(HTML) 15 Page - Altera Corporation

Back Button EP3C10E144C7 Datasheet HTML 11Page - Altera Corporation EP3C10E144C7 Datasheet HTML 12Page - Altera Corporation EP3C10E144C7 Datasheet HTML 13Page - Altera Corporation EP3C10E144C7 Datasheet HTML 14Page - Altera Corporation EP3C10E144C7 Datasheet HTML 15Page - Altera Corporation EP3C10E144C7 Datasheet HTML 16Page - Altera Corporation EP3C10E144C7 Datasheet HTML 17Page - Altera Corporation EP3C10E144C7 Datasheet HTML 18Page - Altera Corporation EP3C10E144C7 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–15
Switching Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
PLL Specifications
Table 1–20 describes the PLL specifications for Cyclone III devices when operating in
the commercial junction temperature range (0°C to 85°C), the industrial junction
temperature range (–40°C to 100°C), and the automotive junction temperature range
(–40°Cto 125°C). For more information about PLL block, refer to “PLL Block” in
“Glossary” on page 1–27.
Table 1–20. Cyclone III Devices PLL Specifications (1)
(Part 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
fIN (2)
Input clock frequency
5
472.5
MHz
fINPFD
PFD input frequency
5
325
MHz
fVCO (3)
PLL internal VCO operating range
600
1300
MHz
fINDUTY
Input clock duty cycle
40
60
%
tINJITTER_CCJ (4)
Input clock cycle-to-cycle jitter for FINPFD  100 MHz
0.15
UI
Input clock cycle-to-cycle jitter for FINPFD < 100 MHz
±750
ps
fOUT_EXT (external clock output)
(2)
PLL output frequency
472.5
MHz
fOUT (to global clock)
PLL output frequency (–6 speed grade)
472.5
MHz
PLL output frequency (–7 speed grade)
450
MHz
PLL output frequency (–8 speed grade)
402.5
MHz
tOUTDUTY
Duty cycle for external clock output (when set to 50%)
45
50
55
%
tLOCK
Time required to lock from end of device configuration
1
ms
tDLOCK
Time required to lock dynamically (after switchover,
reconfiguring any non-post-scale counters/delays or
areset is deasserted)
——
1
ms
tOUTJITTER_PERIOD_DEDCLK (5)
Dedicated clock output period jitter
FOUT  100 MHz
300
ps
FOUT < 100 MHz
30
mUI
tOUTJITTER_CCJ_DEDCLK (5)
Dedicated clock output cycle-to-cycle jitter
FOUT  100 MHz
300
ps
FOUT < 100 MHz
30
mUI
tOUTJITTER_PERIOD_IO (5)
Regular I/O period jitter
FOUT  100 MHz
650
ps
FOUT < 100 MHz
75
mUI
tOUTJITTER_CCJ_IO (5)
Regular I/O cycle-to-cycle jitter
FOUT  100 MHz
650
ps
FOUT < 100 MHz
75
mUI
tPLL_PSERR
Accuracy of PLL phase shift
±50
ps
tARESET
Minimum pulse width on areset signal.
10
ns
tCONFIGPLL
Time required to reconfigure scan chains for PLLs
3.5 (6)
SCANCLK
cycles


Similar Part No. - EP3C10E144C7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
More results

Similar Description - EP3C10E144C7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C16E144C8N ALTERA-EP3C16E144C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C25Q240C8N ALTERA-EP3C25Q240C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5F256C8 ALTERA-EP3C5F256C8 Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5E144C7N ALTERA-EP3C5E144C7N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C120F484C7N ALTERA-EP3C120F484C7N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP3C25F256I7N ALTERA-EP3C25F256I7N Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com