Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C10U256C8N Datasheet(PDF) 18 Page - Altera Corporation

Part # EP3C10U256C8N
Description  1. Cyclone III Device Datasheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C10U256C8N Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP3C10U256C8N Datasheet HTML 14Page - Altera Corporation EP3C10U256C8N Datasheet HTML 15Page - Altera Corporation EP3C10U256C8N Datasheet HTML 16Page - Altera Corporation EP3C10U256C8N Datasheet HTML 17Page - Altera Corporation EP3C10U256C8N Datasheet HTML 18Page - Altera Corporation EP3C10U256C8N Datasheet HTML 19Page - Altera Corporation EP3C10U256C8N Datasheet HTML 20Page - Altera Corporation EP3C10U256C8N Datasheet HTML 21Page - Altera Corporation EP3C10U256C8N Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
1–18
Chapter 1: Cyclone III Device Datasheet
Switching Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
High-Speed I/O Specifications
Table 1–26 through Table 1–31 list the high-speed I/O timing for Cyclone III devices.
For definitions of high-speed timing specifications, refer to “Glossary” on page 1–27.
Table 1–26. Cyclone III Devices RSDS Transmitter Timing Specifications
(1), (2)
Symbol
Modes
C6
C7, I7
C8, A7
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fHSCLK
(input clock
frequency)
×10
5
180
5
155.5
5
155.5
MHz
×8
5
180
5
155.5
5
155.5
MHz
×7
5
180
5
155.5
5
155.5
MHz
×4
5
180
5
155.5
5
155.5
MHz
×2
5
180
5
155.5
5
155.5
MHz
×1
5
360
5
311
5
311
MHz
Device operation in
Mbps
×10
100
360
100
311
100
311
Mbps
×8
80
360
80
311
80
311
Mbps
×7
70
360
70
311
70
311
Mbps
×4
40
360
40
311
40
311
Mbps
×2
20
360
20
311
20
311
Mbps
×1
10
360
10
311
10
311
Mbps
tDUTY
45
55
45
55
45
55
%
TCCS
200
200
200
ps
Output jitter
(peak to peak)
500
500
550
ps
tRISE
20 – 80%, CLOAD =
5pF
500
500
500
ps
tFALL
20 – 80%, CLOAD =
5pF
500
500
500
ps
tLOCK (3)
——
1
1
1
ms
Notes to Table 1–26:
(1) Applicable for true RSDS and emulated RSDS_E_3R transmitter.
(2) True RSDS transmitter is only supported at output pin of Row I/O (Banks 1, 2, 5, and 6). Emulated RSDS transmitter is supported at the output
pin of all I/O banks.
(3) tLOCK is the time required for the PLL to lock from the end of device configuration.
Table 1–27. Cyclone III Devices Emulated RSDS_E_1R Transmitter Timing Specifications (1) (Part 1 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fHSCLK (input
clock
frequency)
×10
5
85
5
85
5
85
MHz
×8
5
85
5
85
5
85
MHz
×7
5
85
5
85
5
85
MHz
×4
5
85
5
85
5
85
MHz
×2
5
85
5
85
5
85
MHz
×1
5
170
5
170
5
170
MHz


Similar Part No. - EP3C10U256C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
More results

Similar Description - EP3C10U256C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C16E144C8N ALTERA-EP3C16E144C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C25Q240C8N ALTERA-EP3C25Q240C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5F256C8 ALTERA-EP3C5F256C8 Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5E144C7N ALTERA-EP3C5E144C7N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C120F484C7N ALTERA-EP3C120F484C7N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP3C25F256I7N ALTERA-EP3C25F256I7N Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com