Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CM3A-Z1BDD Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CM3A-Z1BDD
Description  New 5mm Blue and Green LED Lamps High luminous output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM3A-Z1BDD Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM3A-Z1BDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Example of Wave Soldering Temperature Profile for TH LED
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature: 255°C ± 5°C
(maximum peak temperature = 260°C)
Dwell time: 3.0 sec - 5.0 sec
(maximum = 5sec)
Note: Allow for board to be sufficiently
cooled to room temperature before
exerting mechanical force.
60 sec Max
TIME (sec)
260°C Max
105°C Max
Ammo Packs Drawing
Note: The ammo-packs drawing is applicable for packaging option –DD & -ZZ and regardless standoff or non-standoff
6.35 ± 1.30
0.250 ± 0.051
12.70 ± 1.00
0.500 ± 0.039
9.125 ± 0.625
0.3595 ± 0.0245
9.125 ± 0.625
0.3595 ± 0.0245
18.00 ± 0.50
0.7085 ± 0.0195
0.70 ± 0.20
0.0275 ± 0.0075 A
A
12.70 ± 0.30
0.500 ± 0.012
VIEW AA
4.00 ± 0.20
0.1575 ± 0.0075
Ø
TYP.
20.5 ± 1.00
0.8070 ± 0.0394
CATHODE


Similar Part No. - HLMP-CM3A-Z1BDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM3A-Z1BDD AVAGO-HLMP-CM3A-Z1BDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-CM3A-Z1BDD BOARDCOM-HLMP-CM3A-Z1BDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Similar Description - HLMP-CM3A-Z1BDD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
logo
OptoSupply Internationa...
OSGGD25111E OPTOSUPPLY-OSGGD25111E Datasheet
112Kb / 1P
   5mm Round Green & Green LED Long Lifetime Operation High Luminous LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com