Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CM3A-Z1BDD Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CM3A-Z1BDD
Description  New 5mm Blue and Green LED Lamps High luminous output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM3A-Z1BDD Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM3A-Z1BDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z1BDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Package Dimensions
Drawing A (Non-standoff)
Drawing B (Standoff)
cathode
flat
Cathode
d
1.00 ± 0.20
0.039 ± 0.008
1.30 ± 0.15
0.051 ± 0.006
8.70 ± 0.20
0.343 ± 0.008
5.00 ± 0.20
0.197 ± 0.008
5.80 ± 0.20
0.228 ± 0.008
2.54 ± 0.38
0.100 ± 0.015
0.70 max
0.028
31.60 min
1.244
sq. typ.
0.50 ± 0.10
0.020 ± 0.004
1.00 min
0.039
Viewing Angle
d
HLMP-Cx1B
12.96±0.25
(0.510±0.010)
HLMP-Cx2B
12.32 ±0.25
(0.485±0.010)
HLMP-Cx3B
12.00±0.25
(0.472±0.010)
Notes:
1. All dimensions are in millimeters (inches)
2. Leads are mild steel with tin plating.
3. The epoxy meniscus is 1.50mm max
1.00 ± 0.20
0.039 ± 0.008
0.70 max
0.028
8.70 ± 0.20
0.343 ± 0.008
5.00 ± 0.20
0.197 ± 0.008
31.60 min
1.244
Cathode
1.00 min
0.039
sq. typ.
0.50 ± 0.10
0.020 ± 0.004
2.54 ± 0.38
0.100 ± 0.015
cathode
flat
5.80 ± 0.20
0.228 ± 0.008


Similar Part No. - HLMP-CM3A-Z1BDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM3A-Z1BDD AVAGO-HLMP-CM3A-Z1BDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-CM3A-Z1BDD BOARDCOM-HLMP-CM3A-Z1BDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Similar Description - HLMP-CM3A-Z1BDD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
logo
OptoSupply Internationa...
OSGGD25111E OPTOSUPPLY-OSGGD25111E Datasheet
112Kb / 1P
   5mm Round Green & Green LED Long Lifetime Operation High Luminous LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com