Electronic Components Datasheet Search |
|
HLMP-CM3A-Z1CDD Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CM3A-Z1CDD Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 12 page 4 Part Numbering System Note: please refer to AB 5337 for complete information on part numbering system Packaging Option DD: Ammo Pack Color Bin Selection 0: Full Distribution B: Color Bin 2 & 3 C: Color Bin 3 & 4 Maximum Intensity Bin 0: No maximum intensity limit (refer to selection guide) Minimum Intensity Bin Refer to Device Selection Guide Viewing Angle and Lead Standoffs 1A: 15° without lead standoff 1B: 15° with lead standoff 2A: 23° without lead standoff 2B: 23° with lead standoff 3A: 30° without lead standoff 3B: 30° with lead standoff Color B: Blue 470 M: Green 525 HLMP C x xx x x x xx Absolute Maximum Ratings TJ = 25°C Parameter Blue / Green Unit DC Forward Current [1] 30 mA Peak Forward Current 100 [2] mA Power Dissipation 116 mW Reverse Voltage 5 V LED Junction Temperature 110 °C Operating Temperature Range -40 to + 85 °C Storage Temperature Range -40 to + 100 °C Notes: 1. Derate linearly as shown in figure 4. 2. Duty Factor 10%, frequency 1KHz. |
Similar Part No. - HLMP-CM3A-Z1CDD |
|
Similar Description - HLMP-CM3A-Z1CDD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |