Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K50EQC240-1N Datasheet(PDF) 50 Page - Altera Corporation

Part # EPF10K50EQC240-1N
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50EQC240-1N Datasheet(HTML) 50 Page - Altera Corporation

Back Button EPF10K50EQC240-1N Datasheet HTML 46Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 47Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 48Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 49Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 50Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 51Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 52Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 53Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 54Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
50
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC input voltage is –0.5 V. During transitions, the inputs may undershoot to –2.0 V for input currents
less than 100 mA and periods shorter than 20 ns.
(3)
Numbers in parentheses are for industrial-temperature-range devices.
(4)
Maximum VCC rise time is 100 ms, and VCC must rise monotonically.
(5)
All pins, including dedicated inputs, clock, I/O, and JTAG pins, may be driven before VCCINT and VCCIO are
powered.
(6)
Typical values are for T A = 25° C, VCCINT = 2.5 V, and VCCIO = 2.5 V or 3.3 V.
(7)
These values are specified under the FLEX 10KE Recommended Operating Conditions shown in Tables 20 and 21.
(8)
The FLEX 10KE input buffers are compatible with 2.5-V, 3.3-V (LVTTL and LVCMOS), and 5.0-V TTL and CMOS
signals. Additionally, the input buffers are 3.3-V PCI compliant when VCCIO and VCCINT meet the relationship shown
in Figure 22.
(9)
The IOH parameter refers to high-level TTL, PCI, or CMOS output current.
(10) The IOL parameter refers to low-level TTL, PCI, or CMOS output current. This parameter applies to open-drain pins
as well as output pins.
(11) This value is specified for normal device operation. The value may vary during power-up.
(12) This parameter applies to -1 speed-grade commercial-temperature devices and -2 speed-grade-industrial
temperature devices.
(13) Pin pull-up resistance values will be lower if the pin is driven higher than VCCIO by an external source.
(14) Capacitance is sample-tested only.
Table 23. FLEX 10KE Device Capacitance
Note (14)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
CINCLK Input capacitance on
dedicated clock pin
VIN = 0 V, f = 1.0 MHz
12
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF


Similar Part No. - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com