Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K50EQC240-1N Datasheet(PDF) 68 Page - Altera Corporation

Part # EPF10K50EQC240-1N
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50EQC240-1N Datasheet(HTML) 68 Page - Altera Corporation

Back Button EPF10K50EQC240-1N Datasheet HTML 64Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 65Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 66Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 67Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 68Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 69Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 70Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 71Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
68
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 24 through 30 in this data sheet.
(2)
These parameters are specified by characterization.
(3)
This parameter is measured without the use of the ClockLock or ClockBoost circuits.
(4)
This parameter is measured with the use of the ClockLock or ClockBoost circuits.
Tables 38 through 44 show EPF10K50E device internal and external
timing parameters.
Table 37. EPF10K30E External Bidirectional Timing Parameters
Notes (1), (2)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSUBIDIR (3)
2.8
3.9
5.2
ns
tINHBIDIR (3)
0.0
0.0
0.0
ns
tINSUBIDIR (4)
3.8
4.9
ns
tINHBIDIR (4)
0.0
0.0
ns
tOUTCOBIDIR (3)
2.0
4.9
2.0
5.9
2.0
7.6
ns
tXZBIDIR (3)
6.1
7.5
9.7
ns
tZXBIDIR (3)
6.1
7.5
9.7
ns
tOUTCOBIDIR (4)
0.5
3.9
0.5
4.9
ns
tXZBIDIR (4)
5.1
6.5
ns
tZXBIDIR (4)
5.1
6.5
ns
Table 38. EPF10K50E Device LE Timing Microparameters (Part 1 of 2)
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tLUT
0.6
0.9
1.3
ns
tCLUT
0.5
0.6
0.8
ns
tRLUT
0.7
0.8
1.1
ns
tPACKED
0.4
0.5
0.6
ns
tEN
0.6
0.7
0.9
ns
tCICO
0.2
0.2
0.3
ns
tCGEN
0.5
0.5
0.8
ns
tCGENR
0.2
0.2
0.3
ns
tCASC
0.8
1.0
1.4
ns
tC
0.5
0.6
0.8
ns
tCO
0.7
0.7
0.9
ns
tCOMB
0.5
0.6
0.8
ns
tSU
0.7
0.7
0.8
ns


Similar Part No. - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com