Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K50EQC240-1N Datasheet(PDF) 97 Page - Altera Corporation

Part # EPF10K50EQC240-1N
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50EQC240-1N Datasheet(HTML) 97 Page - Altera Corporation

Back Button EPF10K50EQC240-1N Datasheet HTML 92Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 93Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 94Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 95Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 96Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 97Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 98Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 99Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 100Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
Altera Corporation
97
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
During initialization, which occurs immediately after configuration, the
device resets registers, enables I/O pins, and begins to operate as a logic
device. The I/O pins are tri-stated during power-up, and before and
during configuration. Together, the configuration and initialization
processes are called command mode; normal device operation is called user
mode.
SRAM configuration elements allow FLEX 10KE devices to be
reconfigured in-circuit by loading new configuration data into the device.
Real-time reconfiguration is performed by forcing the device into
command mode with a device pin, loading different configuration data,
reinitializing the device, and resuming user-mode operation. The entire
reconfiguration process requires less than 85 ms and can be used to
reconfigure an entire system dynamically. In-field upgrades can be
performed by distributing new configuration files.
Before and during configuration, all I/O pins (except dedicated inputs,
clock, or configuration pins) are pulled high by a weak pull-up resistor.
Programming Files
Despite being function- and pin-compatible, FLEX 10KE devices are not
programming- or configuration file-compatible with FLEX 10K or
FLEX 10KA devices. A design therefore must be recompiled before it is
transferred from a FLEX 10K or FLEX 10KA device to an equivalent
FLEX 10KE device. This recompilation should be performed both to create
a new programming or configuration file and to check design timing in
FLEX 10KE devices, which has different timing characteristics than
FLEX 10K or FLEX 10KA devices.
FLEX 10KE devices are generally pin-compatible with equivalent
FLEX 10KA devices. In some cases, FLEX 10KE devices have fewer I/O
pins than the equivalent FLEX 10KA devices. Table 81 shows which
FLEX 10KE devices have fewer I/O pins than equivalent FLEX 10KA
devices. However, power, ground, JTAG, and configuration pins are the
same on FLEX 10KA and FLEX 10KE devices, enabling migration from a
FLEX 10KA design to a FLEX 10KE design.


Similar Part No. - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com