Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4013BC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD4013BC
Description  Dual D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4013BC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4013BC Datasheet HTML 1Page - Fairchild Semiconductor CD4013BC Datasheet HTML 2Page - Fairchild Semiconductor CD4013BC Datasheet HTML 3Page - Fairchild Semiconductor CD4013BC Datasheet HTML 4Page - Fairchild Semiconductor CD4013BC Datasheet HTML 5Page - Fairchild Semiconductor CD4013BC Datasheet HTML 6Page - Fairchild Semiconductor CD4013BC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
TA = 25°C, CL = 50 pF, RL = 200k, unless otherwise noted
Note 5: AC Parameters are guaranteed by DC correlated testing.
Switching Time Waveforms
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCK OPERATION
tPHL, tPLH
Propagation Delay Time
VDD = 5V
200
350
ns
VDD = 10V
80
160
VDD = 15V
65
120
tTHL, tTLH
Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
tWL, tWH
Minimum Clock
VDD = 5V
100
200
ns
Pulse Width
VDD = 10V
40
80
VDD = 15V
32
65
tRCL, tFCL
Maximum Clock Rise and
VDD = 5V
15
µs
Fall Time
VDD = 10V
10
VDD = 15V
5
tSU
Minimum Set-Up Time
VDD = 5V
20
40
ns
VDD = 10V
15
30
VDD = 15V
12
25
fCL
Maximum Clock
VDD = 5V
2.5
5
MHz
Frequency
VDD = 10V
6.2
12.5
VDD = 15V
7.6
15.5
SET AND RESET OPERATION
tPHL(R),
Propagation Delay Time
VDD = 5V
150
300
ns
tPLH(S)
VDD = 10V
65
130
VDD = 15V
45
90
tWH(R),
Minimum Set and
VDD = 5V
90
180
ns
tWH(S)
Reset Pulse Width
VDD = 10V
40
80
VDD = 15V
25
50
CIN
Average Input Capacitance
Any Input
5
7.5
pF


Similar Part No. - CD4013BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC Datasheet
74Kb / 6P
   Dual D-Type Flip-Flop
CD4013BC FAIRCHILD-CD4013BC Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
National Semiconductor ...
CD4013BCJ NSC-CD4013BCJ Datasheet
141Kb / 6P
   Dual D Flip-Flop
logo
Fairchild Semiconductor
CD4013BCM FAIRCHILD-CD4013BCM Datasheet
74Kb / 6P
   Dual D-Type Flip-Flop
CD4013BCM FAIRCHILD-CD4013BCM Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
More results

Similar Description - CD4013BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com