Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78T12 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA78T12
Description  3-Terminal 3A Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78T12 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA78T12 Datasheet HTML 1Page - Fairchild Semiconductor KA78T12 Datasheet HTML 2Page - Fairchild Semiconductor KA78T12 Datasheet HTML 3Page - Fairchild Semiconductor KA78T12 Datasheet HTML 4Page - Fairchild Semiconductor KA78T12 Datasheet HTML 5Page - Fairchild Semiconductor KA78T12 Datasheet HTML 6Page - Fairchild Semiconductor KA78T12 Datasheet HTML 7Page - Fairchild Semiconductor KA78T12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KA78TXX
4
Electrical Characteristics(KA78T15) (Continued)
(VI = 23V, IO = 3.0A, 0
°C ≤ TJ ≤ +125°C, Po ≤ PMAX (Note1), unless otherwise specified.)
Note:
1. Although power dissipation is internally limited, specifications apply only for PO
≤ Pmax, Pmax = 25W
2. Load and line regulation are specified at constant junction temperature. Change in Vo due heating effects must be taken into
account separately. Pulse testing with low duty is used. ( PMAX = 25W)
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Output Voltage
Vo
5mA
≤ Io ≤ 3.0A, TJ =+25°C
17.5V
≤ VI ≤ 30V, 5mA ≤ Io ≤ 2.0A
14.4
14.25
15
15
15.6
15.75
V
Line Regulation (Note2)
∆VO
17.6V
≤ VI ≤ 40V, Io=5mA, TJ =+25°C
17.6V
≤ VI ≤ 40V, Io=1.0A, TJ =+25°C
18V
≤ VI ≤ 30V, Io =2.0A, TJ =+25°C
20V
≤ VI ≤ 26V, Io =3.0A, TJ =+25°C
-7.5
55
mV
Load Regulation (Note2)
∆VO
5mA
≤ Io ≤ 3.0A, TJ =+25°C
5mA
≤ Io ≤ 3.0A
-
10
15
30
80
mV
mV
Thermal Regulation
REGT
Pulse =10ms, P = 20W
TA = +25
°C
-
0.002 0.03
%Vo/
W
Quiescent Current
IQ
5mA
≤ Io ≤ 3.0A, TJ =+25°C
5mA
≤ Io ≤ 3.0A
-
3.5
4.0
5.0
6.0
mA
mA
Quiescent Current Change
∆IQ
17.6V
≤ VI ≤ 40V, Io = 5mA
TJ =+25
°C ;
18V
≤ VI ≤ 30V, Io =2.0A ;
5mA
≤ Io ≤ 3.0A, TJ =+25°C
-0.1
0.8
mA
Ripple Rejection
RR
f = 120Hz, 18.5V
≤ VI ≤ 28.5V, Io = 2.0A
TJ =+25
°C
-65
-
dB
Dropout Voltage
VD
Io = 3A,TJ =+25
°C-
2.2
2.5
V
Output Noise Voltage
VN
TA =+25
°C, 10Hz ≤ f ≤ 100kHz
-
10
-
µV/Vo
Peak Output Current
IPK
TA =+25
°C-
5.0
-
A
Output Resistance
Ro
f = 1.0kHz
-
2.0
-
m
Short Circuit Current Limit
Isc
VI = 40V, TJ =+25
°C-
1.0
2.0
A
Average Temperature
Coefficient of Output Voltage
∆VO/∆T Io = 5.0mA
-
0.5
-
mV/
°C


Similar Part No. - KA78T12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78T12 FAIRCHILD-KA78T12 Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12 FAIRCHILD-KA78T12 Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
More results

Similar Description - KA78T12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com