Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5430 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5430
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5430 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5430 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCPL-540X*, 5962-89570, HCPL-543X,
HCPL-643X, 5962-89571
Hermetically Sealed, Very High Speed,
Logic Gate Optocouplers
Data Sheet
*See matrix for available extensions.
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
 Dual marked with device part number and DLA
standard microcircuit drawing
 Manufactured and tested on a MIL-PRF-38534 certified
line
 QML-38534, Class H and K
 Three hermetically sealed package configurations
 Performance guaranteed over full military temperature
range: -55° C to +125° C
 High Speed: 40 M bit/s
 High common mode rejection 500 V/s guaranteed
 1500 Vdc withstand test voltage
 Active (totem pole) outputs
 Three stage output available
 High radiation immunity
 HCPL-2400/30 function compatibility
 Reliability data
 Compatible with TTL, STTL, LSTTL, and HCMOS logic
families
Applications
 Military and space
 High reliability systems
 Transportation, medical, and life critical systems
 Isolation of high speed logic systems
 Computer-peripheral interfaces
 Switching power supplies
 Isolated bus driver (networking applications) –
(5400/1/K only)
 Pulse transformer replacement
 Ground loop elimination
 Harsh industrial environments
 High speed disk drive I/O
 Digital isolation for A/D, D/A conversion
Truth Tables (Positive Logic)
Multichannel Devices
Input
Output
On (H)
L
Off (L)
H
Single Channel DIP
Input
Enable
Output
On (H)
L
L
Off (L)
L
H
On (H)
H
Z
Off (L)
H
Z
The connection of a 0.1
F bypass capacitor between VCC and GND is
recommended.
Description
These units are single and dual channel, hermetically
sealed optocouplers. The products are capable of
operation and storage over the full military temperature
range and can be purchased as either standard product
or with full MIL-PRF-38534 Class Level H or K testing or
from the appropriate DLA Drawing. All devices are man-
ufactured and tested on a MIL-PRF-38534 certified line
and are included in the DLA Qualified Manufacturers List,
QML-38534 for Hybrid Microcircuits.
Functional Diagram
Multiple channel devices available
VCC
VO
VE
GND


Similar Part No. - HCPL-5430

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5430 HP-HCPL-5430 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-5430

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com