Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7128SQC100-10N Datasheet(PDF) 30 Page - Altera Corporation

Part # EPM7128SQC100-10N
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128SQC100-10N Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPM7128SQC100-10N Datasheet HTML 26Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 27Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 28Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 29Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 30Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 31Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 32Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 33Page - Altera Corporation EPM7128SQC100-10N Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
30
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
Figure 13. Switching Waveforms
Combinatorial Mode
Input Pin
I/O Pin
PIA Delay
Shared Expander
Delay
Logic Array
Input
Parallel Expander
Delay
Logic Array
Output
Output Pin
tIN
tLAC , tLAD
tPIA
tOD
tPEXP
tIO
tSEXP
tCOMB
Global Clock Mode
Global
Clock Pin
Global Clock
at Register
Data or Enable
(Logic Array Output)
tF
tCH
tCL
tR
tIN
tGLOB
tSU
tH
Array Clock Mode
Input or I/O Pin
Clock into PIA
Clock into
Logic Array
Clock at
Register
Data from
Logic Array
Register to PIA
to Logic Array
Register Output
to Pin
tF
tR
tACH
tACL
tSU
tIN
tIO
tRD
tPIA
tCLR , tPRE
tH
tPIA
tIC
tPIA
tOD
tOD
tR & tF < 3 ns.
Inputs are driven at 3 V
for a logic high and 0 V
for a logic low. All timing
characteristics are
measured at 1.5 V.


Similar Part No. - EPM7128SQC100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SQC160-10 ALTERA-EPM7128SQC160-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128SQC160-15 ALTERA-EPM7128SQC160-15 Datasheet
1Mb / 66P
   High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture
More results

Similar Description - EPM7128SQC100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com