Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G06 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP2G06
Description  Low-power dual inverter with open-drain output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G06 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G06 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74AUP2G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 6 December 2011
3 of 18
NXP Semiconductors
74AUP2G06
Low-power dual inverter with open-drain output
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
Fig 4.
Pin configuration SOT363
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891,
SOT1115 and SOT1202
74AUP2G06
1A
1Y
GND
2A
2Y
001aal424
1
2
3
6
VCC
5
4
74AUP2G06
GND
001aal425
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74AUP2G06
GND
001aal426
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A
1, 3
data input
GND
2
ground (0 V)
1Y, 2Y
6, 4
data output
VCC
5
supply voltage
Table 4.
Function table[1]
Input nA
Output nY
LZ
HL


Similar Part No. - 74AUP2G06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
   DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GF NEXPERIA-74AUP2G0604GF Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GM NEXPERIA-74AUP2G0604GM Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
More results

Similar Description - 74AUP2G06

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com