Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1772447226 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # F1772447226
Description  Interference Suppression Film Capacitors MKT Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772447226 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button F1772447226 Datasheet HTML 4Page - Vishay Siliconix F1772447226 Datasheet HTML 5Page - Vishay Siliconix F1772447226 Datasheet HTML 6Page - Vishay Siliconix F1772447226 Datasheet HTML 7Page - Vishay Siliconix F1772447226 Datasheet HTML 8Page - Vishay Siliconix F1772447226 Datasheet HTML 9Page - Vishay Siliconix F1772447226 Datasheet HTML 10Page - Vishay Siliconix F1772447226 Datasheet HTML 11Page - Vishay Siliconix F1772447226 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
F1772-2 310 V-X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28161
352
Revision: 13-Jan-12
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C3
4.14
Endurance
Duration: 1000 h
1.25 x URAC at 110 °C
Once in every hour the voltage is increased
to 1000 V (RMS) for 0.1 s via resistor of
47
 ± 5 %
4.14.7
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % compared to values measured
in 4.13.1
Tangent of loss angle
Increase of tan
 0.008 for: C  1 µF or
 0.005 for: C > 1 µF
Compared to values measured in 4.13.1
Voltage proof
1350 VDC; 1 min between terminations
2120 VAC; 1 min between terminations and
case
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C4
4.15
Charge and discharge
10 000 cycles
Charged to 435 VDC
Discharge resistance:
4.15.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.13.3
Final measurements
Capacitance
|
C/C|  10 % compared to values measured
in 4.15.1
Tangent of loss angle
Increase of tan
 0.008 for: C  1 µF or
 0.005 for: C > 1 µF
Compared to values measured in 4.15.1
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C5
4.16
Radio frequency characteristic
Resonance frequency
 0.9 times the value as specified in section
“Resonant Frequency” of this specification.
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
435 V
DC
1.5 x C dU dt

-----------------------------------------
=


Similar Part No. - F1772447226

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17724472260 VISHAY-F17724472260 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Revision: 15-Apr-14
More results

Similar Description - F1772447226

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com