Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F177252222 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # F177252222
Description  Interference Suppression Film Capacitors MKT Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F177252222 Datasheet(HTML) 4 Page - Vishay Siliconix

  F177252222 Datasheet HTML 1Page - Vishay Siliconix F177252222 Datasheet HTML 2Page - Vishay Siliconix F177252222 Datasheet HTML 3Page - Vishay Siliconix F177252222 Datasheet HTML 4Page - Vishay Siliconix F177252222 Datasheet HTML 5Page - Vishay Siliconix F177252222 Datasheet HTML 6Page - Vishay Siliconix F177252222 Datasheet HTML 7Page - Vishay Siliconix F177252222 Datasheet HTML 8Page - Vishay Siliconix F177252222 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
F1772-2 310 V-X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28161
346
Revision: 13-Jan-12
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
C-tol. = ± 20 %
Notes
(1)
These capacitors can be delivered on continuous tape and reel
The ordering code is:
F 1772-...-2290 at H = 16.5 mm
F 1772-...-2291 at H = 18.5 mm
F 1772-...-2960 at H = 16.5 mm
F 1772-...-2961 at H = 18.5 mm
(2)
Further information about packing quantities with different lead length and/or taped versions, see document “Packing Quantities”
www.vishay.com/docs?27608
• SPQ = Standard Packing Quantity
• For detailed tape specifications refer to Packaging Information: www.vishay.com/doc?28139
APPROVALS
CAPACITANCE
(µF)
PITCH
(mm)
DIMENSIONS
w x h x l
MAX. (mm)
MASS
(g)
SPQ
(pieces)
SHORT LEAD
ORDERING
CODE (1)(2)
dt = 0.60 mm ± 0.06 mm
0.01
15
5.0 x 11.0 x 17.5
1.4
750
F177231022..
0.015
15
5.0 x 11.0 x 17.5
1.4
750
F177231522..
0.022
15
5.0 x 11.0 x 17.5
1.4
750
F177232222..
0.033
15
5.0 x 11.0 x 17.5
1.4
750
F177233322..
0.047
15
5.0 x 11.0 x 17.5
1.4
750
F177234722..
0.068
15
6.0 x 12.0 x 17.5
2.0
600
F177236822..
0.10
15
6.0 x 12.0 x 17.5
2.0
600
F177241022..
dt = 0.80 mm ± 0.08 mm
0.15
15
8.5 x 15.0 x 17.5
2.7
325
F1772415226..
0.15
22.5
6.0 x 15.5 x 26.0
3.3
260
F177241522...
0.22
15
10.0 x 16.5 x 17.5
4.5
300
F1772422226..
0.22
22.5
7.0 x 16.5 x 26.0
4.1
235
F177242222...
0.33
15
13.5 x 22.5 x 18.0
5.5
185
F1772433226.
0.33
22.5
8.5 x 18.0 x 26.0
5.3
190
F177243322..
0.47
22.5
10.0 x 19.5 x 26.0
6.7
170
F1772447226..
0.47
27.5
9.0 x 19.0 x 31.5
6.8
160
F177244722..
0.68
22.5
12.0 x 22.0 x 26.0
13.4
110
F1772468226..
0.68
27.5
11.0 x 21.0 x 31.0
12.9
125
F177246822..
1.0
22.5
15.5 x 26.5 x 26.5
13.5
110
F1772510226..
1.0
27.5
15.0 x 25.0 x 31.5
15.0
100
F177251022..
1.5
27.5
18.0 x 28.0 x 31.5
19.0
85
F1772515226.
1.5
37.5
14.5 x 24.5 x 41.5
18.9
80
F177251522..
2.2
27.5
21.0 x 31.0 x 31.0
28.0
70
F1772522226.
2.2
37.5
15.5 x 28.5 x 41.5
24.0
70
F177252222..
SAFETY APPROVALS X2
VOLTAGE
VALUE
FILE NUMBERS
EN 60384-14 (ENEC)
(= IEC 60384-14 ed 3)
310 VAC
0.01 - 2.2 µF X2
40005079
UL 1414
250 VAC
0.01 - 1.0 µF X2
E 100682
UL 1283
250 VAC
0.01 - 2.2 µF X2
E 76297
CSA-E 384-14
310 VAC
0.01 - 2.2 µF X2
2127723
CB TEST-CERTIFICATE
310 VAC
0.01 - 2.2 µF X2
DE 1-40110/A1
The ENEC-approval together with the CB-Certificate replace all national marks of the following countries (they have already signed the
ENEC-Agreement): Austria; Belgium; Czech. Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg;
Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland and United Kingdom.


Similar Part No. - F177252222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17725222200 VISHAY-F17725222200 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Revision: 15-Apr-14
F17725222260 VISHAY-F17725222260 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Revision: 15-Apr-14
More results

Similar Description - F177252222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com