Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM03BD121SN1D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM03BD121SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM03BD121SN1D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM03BD121SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM03BD121SN1D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
14
Frequency (MHz)
1600
1400
1200
1000
800
600
400
200
0
1
10
100
1000
10000
BLp
Line Up Classification of
Chip Ferrite Bead
BLM18Gp
BLM15Gp
BLM18Hp
BLM15Hp
BLM18Ep
BLM15Ep
High-GHz Band
High
GHz Band
Noise
Frequency Band
Low
BLM_G Series
BLM_H Series
BLM_E Series
BLM standard line up
•RK(for digital interfaces)
•AG (for general signal lines)
•Bp (for high speed signal lines)
BLM_P Series (for Power Lines)
•Large current available up to 6A
•AX(for general signal lines / power lines)
Small
Large
Rated Current
(Less than 1A)
(1A and more)
Meet High-GHz
Band Noise
Example of Chip Ferrite Bead BLM Series Structure
Inner Electrode
Outer Electrode
Ferrite Sheet
Through Hole
Equivalent Circuit
Cross Section
Series Introduction


Similar Part No. - BLM03BD121SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM03BD121SN1D MURATA1-BLM03BD121SN1D Datasheet
247Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results

Similar Description - BLM03BD121SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com