Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQP15MN3N3B02D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQP15MN3N3B02D
Description  Chip Inductor (Chip Coil) for High Frequency Film Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP15MN3N3B02D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQP15MN3N3B02D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQP15MN3N3B02D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQP15MN3N3B02D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Film Type
1.0
±0.1
0.25
±0.1
(in mm)
Chip Inductor (Chip Coil) for High Frequency Film Type
LQP15M Series (0402 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
10000
J
330mm Paper Tape
50000
B
Bulk(Bag)
500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQP15MN1N0B02p
1.0nH
±0.1nH
500MHz
400mA
0.1ohm
13
500MHz
6000MHz
LQP15MN1N0W02p
1.0nH
±0.05nH
500MHz
400mA
0.1ohm
13
500MHz
6000MHz
LQP15MN1N1B02p
1.1nH
±0.1nH
500MHz
390mA
0.1ohm
13
500MHz
6000MHz
LQP15MN1N1W02p
1.1nH
±0.05nH
500MHz
390mA
0.1ohm
13
500MHz
6000MHz
LQP15MN1N2B02p
1.2nH
±0.1nH
500MHz
390mA
0.1ohm
13
500MHz
6000MHz
LQP15MN1N2W02p
1.2nH
±0.05nH
500MHz
390mA
0.1ohm
13
500MHz
6000MHz
LQP15MN1N3B02p
1.3nH
±0.1nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N3W02p
1.3nH
±0.05nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N4W02p
1.4nH
±0.05nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N5B02p
1.5nH
±0.1nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N5W02p
1.5nH
±0.05nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N6B02p
1.6nH
±0.1nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN1N6W02p
1.6nH
±0.05nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN1N7W02p
1.7nH
±0.05nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N8B02p
1.8nH
±0.1nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N8W02p
1.8nH
±0.05nH
500MHz
280mA
0.2ohm
13
500MHz
6000MHz
LQP15MN1N9W02p
1.9nH
±0.05nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN2N0B02p
2.0nH
±0.1nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN2N0W02p
2.0nH
±0.05nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN2N1W02p
2.1nH
±0.05nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN2N2B02p
2.2nH
±0.1nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN2N2W02p
2.2nH
±0.05nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
LQP15MN2N3W02p
2.3nH
±0.05nH
500MHz
220mA
0.3ohm
13
500MHz
6000MHz
Operating Temperature Range: -40
°C to +85°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQP15MN3N3B02D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP15MN3N3B02D MURATA-LQP15MN3N3B02D Datasheet
69Kb / 2P
   Inductance
logo
Qorvo, Inc
LQP15MN3N3B02D QORVO-LQP15MN3N3B02D Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
More results

Similar Description - LQP15MN3N3B02D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TN3N9B04D MURATA-LQP03TN3N9B04D Datasheet
76Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN6N2J02D MURATA-LQP03TN6N2J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP18MN12NG02D MURATA-LQP18MN12NG02D Datasheet
48Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN1N0B02D MURATA-LQP03TN1N0B02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP15MN1N0B02D MURATA-LQP15MN1N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQP15MN3N0B02D MURATA-LQP15MN3N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series (0402 Size)
LQH31HNR88K03L MURATA-LQH31HNR88K03L Datasheet
46Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com