Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L0109DT Datasheet(PDF) 2 Page - Littelfuse

Part # L0109DT
Description  Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L0109DT Datasheet(HTML) 2 Page - Littelfuse

  L0109DT Datasheet HTML 1Page - Littelfuse L0109DT Datasheet HTML 2Page - Littelfuse L0109DT Datasheet HTML 3Page - Littelfuse L0109DT Datasheet HTML 4Page - Littelfuse L0109DT Datasheet HTML 5Page - Littelfuse L0109DT Datasheet HTML 6Page - Littelfuse L0109DT Datasheet HTML 7Page - Littelfuse L0109DT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
44
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1 Amp Sensitive Triacs
L01 Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Static Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test
Conditions
Quadrant
Limit
Value
Unit
L0103xy
L0107xy
L0109xy
I
GT
DC Gate Trigger Current
V
D = 12V
R
L = 60 Ω
I – II – III
IV
MAX.
3
5
5
7
10
10
mA
V
GT
DC Gate Trigger Voltage
ALL
MAX.
1.3
V
I
H
Holding Current
Gate Open
MAX.
7
10
10
mA
dv/dt
Critical Rate-of-Rise of
Off-State Voltage
T
J = 110°C
V
D = VDRM
Exponential Waveform
Gate Open
MIN.
10
20
50
V/μs
(dv/dt)c
Critical
Rate-of-Rise of
Commutating Voltage
(di/dt)c = 0.54A/ms
T
J = 110°C
MIN.
0.5
1.0
2.0
V/μs
T
gt
Turn-On Time
I
G = 25mA
PW = 15μs
I
T = 1.2A (pk)
MAX.
2.0
2.0
2.0
μs
Symbol
Description
Test Conditions
Limit
Value
Unit
V
TM
Peak On-State Voltage
I
TM = 1.4A (pk)
MAX
1.60
V
I
DRM
Off-State Current, Peak Repetitive
V
D= VDRM TJ = 25°C
MAX
5
μA
V
D= VDRM TJ = 125°C
500
μA
Thermal Resistances
Symbol
Description
Test Conditions
Value
Unit
R
th(j-c)
Junction to case (AC)
I
T = 1.0A (RMS)
1
TO-92
50
°C/W
SOT-223
23
R
th(j-a)
Junction to ambient
I
T = 1.0A (RMS)
1
TO-92
100
°C/W
SOT-223
55
1
60Hz AC resistive load condition, 100% conduction.
Note: x = voltage, y = package


Similar Part No. - L0109DT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0109DT LITTELFUSE-L0109DT Datasheet
271Kb / 8P
   New 1 Amp bi-directional solid state switch series offering direct interface
L0109DT LITTELFUSE-L0109DT Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0109DT LITTELFUSE-L0109DT Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
More results

Similar Description - L0109DT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
L0103DTRP LITTELFUSE-L0103DTRP Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com