Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7563SDSCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7563SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM3-MM SON
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7563SDSCT Datasheet(HTML) 5 Page - Texas Instruments

  DAC7563SDSCT Datasheet HTML 1Page - Texas Instruments DAC7563SDSCT Datasheet HTML 2Page - Texas Instruments DAC7563SDSCT Datasheet HTML 3Page - Texas Instruments DAC7563SDSCT Datasheet HTML 4Page - Texas Instruments DAC7563SDSCT Datasheet HTML 5Page - Texas Instruments DAC7563SDSCT Datasheet HTML 6Page - Texas Instruments DAC7563SDSCT Datasheet HTML 7Page - Texas Instruments DAC7563SDSCT Datasheet HTML 8Page - Texas Instruments DAC7563SDSCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719D – AUGUST 2010 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
External VREF = 2.5 V (when internal reference is
External reference current
15
µA
disabled), all channels active using gain = 1
VREFIN reference input range
0
AVDD
V
Internal reference disabled, gain = 1
170
Reference input impedance
k
Ω
Internal reference disabled, gain = 2
85
REFERENCE OUTPUT
Output voltage
TA = 25°C
2.495
2.5
2.505
V
Initial accuracy
TA = 25°C
–5
±0.1
5
mV
Output voltage temperature drift(4)
4
10
ppm/°C
Output voltage noise
f = 0.1 Hz to 10 Hz
12
µVPP
TA = 25°C, f = 1 kHz, CL = 0 µF
250
Output voltage noise density (high-
TA = 25°C, f = 1 MHz, CL = 0 µF
30
nV/
√Hz
frequency noise)
TA = 25°C, f = 1 MHz, CL = 4.7 µF
10
Load regulation, sourcing(5)
TA = 25°C
20
µV/mA
Load regulation, sinking(5)
TA = 25°C
185
µV/mA
Output current load capability(6)
±20
mA
Line regulation
TA = 25°C
50
µV/V
Long-term stability/drift (aging)(5)
TA = 25°C, time = 0 to 1900 hours
100
ppm
First cycle
200
Thermal hysteresis(5)
ppm
Additional cycles
50
POWER REQUIREMENTS(7)
Power supply voltage
2.7
5.5
V
Normal mode, internal reference off
0.25
0.5
mA
Normal mode, internal reference on
0.9
1.6
AVDD = 3.6 V to 5.5 V
Power-down modes(8)
0.55
2
µA
Power-down modes(9)
0.55
4
IDD
Normal mode, internal reference off
0.2
0.4
mA
Normal mode, internal reference on
0.73
1.4
AVDD = 2.7 V to 3.6 V
Power-down modes(8)
0.35
2
µA
Power-down modes(9)
0.35
3
Normal mode, internal reference off
0.9
2.75
mW
Normal mode, internal reference on
3.2
8.8
AVDD = 3.6 V to 5.5 V
Power-down modes(8)
2
11
µW
Power-down modes(9)
2
22
Power
dissipation
Normal mode, internal reference off
0.54
1.44
mW
Normal mode, internal reference on
1.97
5
AVDD = 2.7 V to 3.6 V
Power-down modes(8)
0.95
7.2
µW
Power-down modes(9)
0.95
10.8
TEMPERATURE RANGE
Specified performance
–40
125
°C
(4)
Internal reference output voltage temperature drift is characterized from –40°C to 125°C.
(5)
Explained in more detail in the Application Information section of this data sheet.
(6)
Specified by design or characterization
(7)
Input code = mid-scale, no load, VINH = AVDD, and VINL = GND
(8)
Temperature range –40°C to 105°C
(9)
Temperature range –40°C to 125°C
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563


Similar Part No. - DAC7563SDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7563SDSCT TI1-DAC7563SDSCT Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7563SDSCT TI1-DAC7563SDSCT Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

Similar Description - DAC7563SDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8562 TI-DAC8562_13 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com