Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49370RLX-NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM49370RLX-NOPB
Description  Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370RLX-NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM49370RLX-NOPB Datasheet HTML 1Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 2Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 3Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 4Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 5Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 6Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 7Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 8Page - Texas Instruments LM49370RLX-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
AUX_OUT
EP_OUT
LS_OUT
BYPASS
HP_VMIDFB
HP_VMID
HPL_OUT
HPR_OUT
VREF_FLT
INT_BIAS
EXT_BIAS
MIC_DET
EXT_MIC
INT_MIC
CP_OUT
CP_IN
PLL_FLT
MCLK
SCL/SCK
SDA/SDI
TEST_MODE/CS
SPI_MODE
I2S_CLK
I2S_WS
I2S_SDI
I2S_SDO
PCM_CLK
PCM_SYNC
PCM_SDI
IRQ
AUX_R
AUX_L
POWER
MANAGEMENT
and CONTROL
CLOCKS and
6'_PLL
REGISTERS
I
2
C/SPI
SLAVE
AB
AB
AMP
BIAS
and DET
MIC
BIAS
and DET
BG
AB
AB
AB
AUTOMATIC GAIN
CONTROL
6'
MONO
ADC
6'
STEREO
DAC
-34.5 dB to 12 dB
MIC
-46.5 dB to
12 dB
0 dB to
-30 dB
6 dB to
36 dB
D
PCM_SDO
GPIO2
L
R
GPIO1
FIR FILTER
and
DIGITAL 3D
ALGORITHM
A_VDD
D_VDD
LS_VDD LS_VSS
A_VSS
D_VSS
BB_VDD
PLL_VDD
LM49370
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
www.ti.com
DESCRIPTION
The LM49370 is an integrated audio subsystem that supports both analog and digital audio functions. The
LM49370 includes a high quality stereo DAC, a mono ADC, a stereo headphone amplifier, which supports output
cap-less (OCL) or AC-coupled (SE) modes of operation, a mono earpiece amplifier, and an ultra-low EMI spread
spectrum Class D loudspeaker amplifier. It is designed for demanding applications in mobile phones and other
portable devices.
The LM49370 features a bi-directional I2S interface and a bi-directional PCM interface for full range audio on
either interface. The LM49370 utilizes an I2C or SPI compatible interface for control. The stereo DAC path
features an SNR of 85 dB with an 18-bit 48 kHz input. In SE mode the headphone amplifier delivers at least 33
mWRMS to a 32Ω single-ended stereo load with less than 1% distortion (THD+N) when A_VDD = 3.3V. The mono
earpiece amplifier delivers at least 115mWRMS to a 32Ω bridged-tied load with less than 1% distortion (THD+N)
when A_VDD = 3.3V. The mono speaker amplifier delivers up to 490mW into an 8Ω load with less than 1%
distortion when LS_VDD = 3.3V and up to 1.2W when LS_VDD = 5.0V.
The LM49370 employs advanced techniques to reduce power consumption, to reduce controller overhead, to
speed development time, and to eliminate click and pop. Boomer audio power amplifiers were designed
specifically to provide high quality output power with a minimal amount of external components. It is therefore
ideally suited for mobile phone and other low voltage applications where minimal power consumption, PCB area
and cost are primary requirements.
LM49370 Overview
Figure 1. Conceptual Schematic
2
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LM49370


Similar Part No. - LM49370RLX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
More results

Similar Description - LM49370RLX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49350 TI-LM49350_15 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com