Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206Y152JXJPW1BC Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 1206Y152JXJPW1BC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1206Y152JXJPW1BC Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 1206Y152JXJPW1BC Datasheet HTML 7Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 8Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 9Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 10Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 11Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 12Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 13Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 14Page - Vishay Siliconix 1206Y152JXJPW1BC Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
11
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Letters indicate product thickness, please see packaging quantities
(1) Not in 20 % (code “M”) tolerance
SELECTION CHART
DIELECTRIC
Y5V
STYLE
VJ1206
VJ1210
SIZE CODE
1206
1210
VOLTAGE (VDC)
10 V
16 V
25 V
35 V
50 V
100 V
6.3 V
10 V
16 V
25 V
35 V
50 V
100 V
VOLTAGE CODE
Q
J
X
Z
A
B
Y
Q
J
X
Z
A
B
CAP. CODE
CAP.
102
1.0 nF
122
1.2 nF
152
1.5 nF
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
B
B
B
B
B
C
123
12 nF
B
B
B
B
153
15 nF
B
B
B
B
B
C
183
18 nF
B
B
B
B
223
22 nF
B
B
B
B
B
C
273
27 nF
B
B
B
B
333
33 nF
B
B
B
B
B
C
393
39 nF
B
B
B
B
473
47 nF
B
B
B
B
B
C
563
56 nF
B
B
B
B
683
68 nF
B
B
B
B
B
C
823
82 nF
B
B
B
B
104
100 nF
B
B
B
B
B
C
C
C
C
C
154
150 nF
B
B
B
B
C
C
C
C
C
C
224
220 nF
B
B
B
B
C
C
C
C
C
C
334
330 nF
B
B
B
B
C
C
C
C
C
474
470 nF
B
B
B
B
C
C
C
C
684
680 nF
B
B
B
B
C
C
C
C
105
1.0 μF
C
C
C
C
C
C
C
C
155
1.5 μF
C
C
C
C
C
C
225
2.2 μF
C
C
C
J (1)
CC
C
G
335
3.3 μF
J
J
J
C
C
C
475
4.7 μF
J
J
J
J
P
C
C
D
G
685
6.8 μF
J
J
C
C
D
106
10 μF
J
J
P
D
D
G
K
226
22 μF
P
K
K
336
33 μF
476
47 μF
K
K
686
68 μF
107
100 μF
M


Similar Part No. - 1206Y152JXJPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1206Y152JXQCW1MC VISHAY-1206Y152JXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 1206Y152JXJPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A103GXJTW1BC VISHAY-VJ0805A103GXJTW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805A101JXACW1BC VISHAY-VJ0805A101JXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJW1BC VISHAY-VJW1BC Datasheet
163Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 01-Jul-16
VJ0402G104KXQCW1BC VISHAY-VJ0402G104KXQCW1BC Datasheet
220Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y105KXQTW1BC VISHAY-VJ0805Y105KXQTW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJ1206Y102KXACW1BC VISHAY-VJ1206Y102KXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ1206Y104KXACW1BC VISHAY-VJ1206Y104KXACW1BC Datasheet
188Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 15-Jan-14
VJW1BC VISHAY-VJW1BC_V01 Datasheet
151Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
01-Jan-2023
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com