Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4545ID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4545ID
Description  5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4545ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC4545ID Datasheet HTML 4Page - Texas Instruments TLC4545ID Datasheet HTML 5Page - Texas Instruments TLC4545ID Datasheet HTML 6Page - Texas Instruments TLC4545ID Datasheet HTML 7Page - Texas Instruments TLC4545ID Datasheet HTML 8Page - Texas Instruments TLC4545ID Datasheet HTML 9Page - Texas Instruments TLC4545ID Datasheet HTML 10Page - Texas Instruments TLC4545ID Datasheet HTML 11Page - Texas Instruments TLC4545ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLC4541, TLC4545
SLAS293 − DECEMBER 2001
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3
−120
−160
010
30
40
60
−80
−40
FFT
0
70
90
−140
−100
−60
−20
fi − Input Frequency − kHz
FFT = 15 kHz,
VDD = VREF = 5 V,
200 KSPS
20
50
80
100
Figure 4
−120
−160
010
30
40
60
−80
−40
FFT
0
70
90
−140
−100
−60
−20
fi − Input Frequency − kHz
FFT = 1.5 kHz,
VDD = VREF = 5 V,
200 KSPS
20
50
80
100


Similar Part No. - TLC4545ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4545ID TI1-TLC4545ID Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545IDG4 TI1-TLC4545IDG4 Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545IDGK TI1-TLC4545IDGK Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545IDGKG4 TI1-TLC4545IDGKG4 Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545IDR TI1-TLC4545IDR Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com