Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM368ZCEDF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM368ZCEDF
Description  Digital Media System-on-Chip (DMSoC)
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM368ZCEDF Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM368ZCEDF Datasheet HTML 1Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 2Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 3Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 4Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 5Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 6Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 7Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 8Page - Texas Instruments TMS320DM368ZCEDF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
TMS320DM368
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM368
1
TMS320DM368 Digital Media System-on-Chip (DMSoC)
1.1
Features
12
device
• Highlights
• ARM926EJ-S™ Core
– High-Performance Digital Media
System-on-Chip (DMSoC)
– Support for 32-Bit and 16-Bit
(Thumb
® Mode) Instruction Sets
– 432-MHz ARM926EJ-S Clock Rate
– DSP Instruction Extensions and Single Cycle
– Two Video Image Co-processors
MAC
(HDVICP, MJCP) Engines
– ARM® Jazelle® Technology
– Supports a Range of Encode, Decode, and
Video Quality Operations
– Embedded ICE-RT Logic for Real-Time
Debug
– Video Processing Subsystem
• ARM9 Memory Architecture
HW Face Detect Engine
– 16K-Byte Instruction Cache
Resize Engine from 1/16x to 8x
– 8K-Byte Data Cache
16-Bit Parallel AFE (Analog Front-End)
Interface Up to 120 MHz
– 32K-Byte RAM
4:2:2 (8-/16-bit) Interface
– 16K-Byte ROM
8-/16-bit YCC and Up to 24-Bit RGB888
– Little Endian
Digital Output
• Two Video Image Co-processors
3 DACs for HD Analog Video Output
(HDVICP, MJCP) Engines
Hardware On-Screen Display (OSD)
– Support a Range of Encode and Decode
Operations
– Capable of 1080p 30fps H.264 video
processing
– H.264, MPEG4, MPEG2, MJPEG, JPEG,
WMV9/VC1
– Peripherals include EMAC, USB 2.0 OTG,
DDR2/NAND, 5 SPIs, 2 UARTs, 2
• Video Processing Subsystem
MMC/SD/SDIO, Key Scan
– Front End Provides:
– 8 Different Boot Modes and Configurable
HW Face Detect Engine
Power-Saving Modes
Hardware IPIPE for Real-Time Image
– Pin-to-pin and software compatible with
Processing
DM365
– Resize Engine
– Extended temperature (-40ºC – 85ºC)
– Resize Images From 1/16x to 8x
available
– Separate Horizontal/Vertical
– 3.3-V and 1.8-V I/O, 1.35-V Core
Control
– 338-Pin Ball Grid Array at 65nm Process
– Two Simultaneous Output Paths
Technology
IPIPE Interface (IPIPEIF)
• High-Performance Digital Media
Image Sensor Interface (ISIF) and CMOS
System-on-Chip (DMSoC)
Imager Interface
– 432-MHz ARM926EJ-S Clock Rate
16-Bit Parallel AFE (Analog Front End)
– 4:2:2 (8-/16-Bit) Interface
Interface Up to 120 MHz
– Capable of 1080p 30fps H.264 video
Glueless Interface to Common Video
processing
Decoders
– Pin compatible with DM365 processors
BT.601/BT.656/BT.1120 Digital YCbCr
– Fully Software-Compatible With ARM9™
4:2:2 (8-/16-Bit) Interface
– Extended temperature available for 432-MHz
Histogram Module
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM368ZCEDF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM368ZCEDF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com