Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LC549PGE-66 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320LC549PGE-66
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320LC549PGE-66 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320LC549PGE-66 Datasheet HTML 1Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 2Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 3Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 4Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 5Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 6Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 7Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 8Page - Texas Instruments TMS320LC549PGE-66 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
TMS320LC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS077B − SEPTEMBER 1998 − REVISED FEBRUARY 2000
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
A18
A17
VSS
A16
D5
D4
D3
D2
D1
D0
RS
X2 / CLKIN
X1
HD3
CLKOUT
VSS
HPIENA
CVDD
VSS
TMS
TCK
TRST
TDI
TDO
EMU1 / OFF
EMU0
TOUT
HD2
TEST1
CLKMD3
CLKMD2
CLKMD1
VSS
DVDD
BDX1
BFSX1
VSS
A22
VSS
DVDD
A10
HD7
A11
A12
A13
A14
A15
CVDD
HAS
VSS
VSS
CVDD
HCS
HR / W
READY
PS
DS
IS
R/W
MSTRB
IOSTRB
MSC
XF
HOLDA
IAQ
HOLD
BIO
MP / MC
DVDD
VSS
BDR1
BFSR1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
PGE PACKAGE†‡
(TOP VIEW)
† NC = No connection
‡ DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU, and VSS is the ground for both the I/O pins and the
core CPU.
The ’549 signal descriptions table lists each terminal name, function, and operating mode(s) for the 144-pin thin
quad flatpack (TQFP).
The letter B in front of CLKRn, FSRn, DRn, CLKXn, FSXn, and DXn pin names denotes buffered serial port
(BSP), where n = 0 or 1 port. The letter T in front of CLKR, FSR, DR, CLKX, FSX, and DX pin names denotes
time-division multiplexed (TDM) serial port.


Similar Part No. - TMS320LC549PGE-66

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549PGE-66 TI1-TMS320LC549PGE-66 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320LC549PGE-66

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com