Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62050DGSRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGSRG4
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62050DGSRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62050DGSRG4 Datasheet HTML 1Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 2Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 3Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS62050DGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
1
2
3
4
5
10
9
8
7
6
VIN
LBO
GND
PG
FB
PGND
SW
EN
SYNC
LBI
DGS PACKAGE
(TOP VIEW)
TPS62052, TPS62054
TPS62056, TPS62050, TPS62051
www.ti.com
SLVS432E – SEPTEMBER 2002 – REVISED JUNE 2011
PIN ASSIGNMENTS
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
8
I
Enable. A logic high enables the converter, logic low forces the device into shutdown mode, reducing the supply
current to less than 2 µA.
FB
5
I
Feedback pin for the fixed output voltage option. For the adjustable version, an external resistive divider is
connected to this pin. The internal voltage divider is disabled for the adjustable version.
GND
3
I
Ground
LBO
2
O
Open drain low battery output. Logic low signal indicates a low battery voltage.
LBI
6
I
Low battery input
PG
4
O
Power good comparator output. This is an open-drain output. A pullup resistor should be connected between PG
and VOUT. The output floats when the output voltage is greater than 95% of the nominal value.
PGND
10
I
Power ground. Connect all power grounds to this pin.
SW
9
O
Connect the inductor to this pin. This pin is the switch pin and connected to the drain of the internal power
MOSFETS.
SYNC
7
I
Input for synchronization to the external clock signal. This input can be connected to an external clock or pulled to
GND or VI. When an external clock signal is applied, the device synchronizes to this external clock and the device
operates in fixed PWM mode. When the pin is pulled to either GND or VI, the internal oscillator is used and the
logic level determines if the device operates in fixed PWM or PWM/PFM mode.SYNC = HIGH: Low-noise mode
enabled, fixed frequency PWM operation is forcedSYNC = LOW (GND): Power-save mode enabled, PFM/PWM
mode enabled.
VIN
1
I
Supply voltage input
Copyright © 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62052 TPS62054 TPS62056 TPS62050 TPS62051


Similar Part No. - TPS62050DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62050DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com