Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62050DGS Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGS
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62050DGS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62050DGS Datasheet HTML 5Page - Texas Instruments TPS62050DGS Datasheet HTML 6Page - Texas Instruments TPS62050DGS Datasheet HTML 7Page - Texas Instruments TPS62050DGS Datasheet HTML 8Page - Texas Instruments TPS62050DGS Datasheet HTML 9Page - Texas Instruments TPS62050DGS Datasheet HTML 10Page - Texas Instruments TPS62050DGS Datasheet HTML 11Page - Texas Instruments TPS62050DGS Datasheet HTML 12Page - Texas Instruments TPS62050DGS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
50
µs/div
VI = 5 V
VO = 3.3 V
Output Voltage
Load Step = 60 mA to 540 mA
Voltage at SW Pin
Inductor Current
VI = 5 V
IO = 100 mA
5
µs/div
VI = 5 V
RL = 2.7 Ω
EN
VO
II
200
µs/div
10
µs/div
VI = 7.2 V, VO = 3.3 V
Output Voltage
Voltage at SW Pin
IO = 20 mA
1
µs/div
VI = 7.2 V
VO = 3.3 V
IO = 800 mA
Output Voltage
Voltage at SW Pin
VI = 4.5 V to 5.5 V to 4.5 V
1
µs/div
VO
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1 k
IL − Load Current − mA
VI = 2.7 V
SYNC = H
VO = 1.8 V
TA = 25°C
VI = 5 V
VI = 3.3 V
VI = 10 V
VI = 7.2 V
800
810
820
830
840
850
860
870
880
890
900
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
2.7 V
3.6 V
7.2 V
5 V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1 k
IL − Load Current − mA
VI = 3.5 V
SYNC = H
VO = 3.3 V
TA = 25°C
VI = 5 V
VI = 10 V
VI = 7.2 V
TPS62052, TPS62054
TPS62056, TPS62050, TPS62051
www.ti.com
SLVS432E – SEPTEMBER 2002 – REVISED JUNE 2011
TPS62054
TPS62056
EFFICIENCY
EFFICIENCY
SWITCHING FREQUENCY
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
Figure 10.
OUTPUT VOLTAGE RIPPLE
OUTPUT VOLTAGE RIPPLE
LINE TRANSIENT RESPONSE
IN SKIP MODE
IN PWM MODE
IN PWM MODE
Figure 11.
Figure 12.
Figure 13.
V(SWITCH) AND IL
(INDUCTOR CURRENT)
LOAD TRANSIENT
IN SKIP MODE
START-UP TIMING
Figure 14.
Figure 15.
Figure 16.
Copyright © 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62052 TPS62054 TPS62056 TPS62050 TPS62051


Similar Part No. - TPS62050DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050DGS TI-TPS62050DGS Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGS TI1-TPS62050DGS Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050DGSG4 TI1-TPS62050DGSG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62050DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com