Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62050DGSG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGSG4
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62050DGSG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62050DGSG4 Datasheet HTML 7Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 8Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 9Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 10Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 11Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 12Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 13Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 14Page - Texas Instruments TPS62050DGSG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
V
I
(min) + VO(max) ) IO(max)
r
DS(on)
(max) ) RL
IO(max) = Maximum output current plus inductor ripple current
rDS(on)(max) = Maximum P-Channel switch rDS(on)
RL = DC resistance of the inductor
VO(max) = Nominal output voltage plus maximum output voltage tolerance
, nominal
0.8%
1.6%
–1.6%
t
VO
TPS62052, TPS62054
TPS62056, TPS62050, TPS62051
www.ti.com
SLVS432E – SEPTEMBER 2002 – REVISED JUNE 2011
Figure 17. Power-Save Mode Output Voltage Thresholds
The converter enters the fixed frequency PWM mode again as soon as the output voltage falls below the comp
low 2 threshold set to 1.6% below VO, nominal.
Soft-Start
The TPS6205x has an internal soft-start circuit that limits the inrush current during start-up. This prevents
possible voltage drops of the input voltage if a battery or a high impedance power source is connected to the
input of the TPS6205x.
The soft-start is implemented as a digital circuit increasing the switch current in steps of 200 mA, 400 mA, 800
mA and then the typical switch current limit of 1.2 A. Therefore the start-up time mainly depends on the output
capacitor and load current. Typical start-up time with a 22-µF output capacitor and a 200-mA load current is 1
ms.
100% Duty Cycle Low Dropout Operation
The TPS6205x offers the lowest possible input to output voltage difference while still maintaining operation with
the use of the 100% duty cycle mode. In this mode, the P-channel switch is constantly turned on. This is
particularly useful in battery powered applications to achieve longest operation time by taking full advantage of
the whole battery voltage range, i.e. The minimum input voltage to maintain regulation depends on the load
current and output voltage and can be calculated as:
Enable and Overtemperature Protection
Logic low on EN forces the TPS6205x into shutdown. In shutdown, the power switch, drivers, voltage reference,
oscillator, and all other functions are turned off. The supply current is reduced to less than 2 µA in the shutdown
mode. When the device is in thermal shutdown, the bandgap is forced to stay on even if the device is set into
shutdown by pulling EN to GND. As soon as the temperature drops below the threshold, the device automatically
starts again.
If an output voltage is present when the device is disabled, which could be an external voltage source or super
cap, the reverse leakage current is specified under electrical characteristics. Pulling the enable pin high starts up
the TPS6205x with the soft-start as described under the paragraph soft-start. If the EN pin is connected to any
voltage other than VI or GND, an increased leakage current of typically 10 µA and up to 20 µA can occur.
Copyright © 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62052 TPS62054 TPS62056 TPS62050 TPS62051


Similar Part No. - TPS62050DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050DGSG4 TI1-TPS62050DGSG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62050DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com